Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC080 Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC080
Description  8K/16K 2.5V SPI O Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC080 Datasheet(HTML) 1 Page - Microchip Technology

  25LC080 Datasheet HTML 1Page - Microchip Technology 25LC080 Datasheet HTML 2Page - Microchip Technology 25LC080 Datasheet HTML 3Page - Microchip Technology 25LC080 Datasheet HTML 4Page - Microchip Technology 25LC080 Datasheet HTML 5Page - Microchip Technology 25LC080 Datasheet HTML 6Page - Microchip Technology 25LC080 Datasheet HTML 7Page - Microchip Technology 25LC080 Datasheet HTML 8Page - Microchip Technology 25LC080 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21145D-page 1
FEATURES
• SPI modes 0,0 and 1,1
• 3 MHz Clock Rate
• Single supply with programming operation down
to 2.5V
• Low Power CMOS Technology
- Max Write Current: 5 mA
- Read Current: 1.0 mA
- Standby Current: 1
µA typical
• Organization
- 1024 x 8 for 25LC080
- 2048 x 8 for 25LC160
• 16 Byte Page
• Sequential Read
• Self-timed ERASE and WRITE Cycles
• Block Write Protection
- Protect none, 1/4, 1/2, or all of Array
• Built-in Write Protection
- Power On/Off Data Protection Circuitry
- Write Latch
- Write Protect Pin
• High Reliability
- Endurance: 10M cycles (guaranteed)
- Data Retention: >200 years
- ESD protection: >4000 V
• 8-pin PDIP/SOIC Packages
• Temperature ranges supported
DESCRIPTION
The Microchip Technology Inc. 25LC080/160 are 8K
and 16K bit Serial Electrically Erasable PROMs. The
memory is accessed via a simple Serial Peripheral
Interface (SPI) compatible serial bus. The bus signals
required are a clock input (SCK) plus separate data in
(SI) and data out (SO) lines. Access to the device is
controlled through a chip select (CS) input, allowing any
number of devices to share the same bus.
There are two other inputs that provide the end user
with additional flexibility. Communication to the device
can be paused via the hold pin (HOLD). While the
device is paused, transitions on its inputs will be
ignored, with the exception of chip select, allowing the
host to service higher priority interrupts. Also, write
operations to the Status Register can be disabled via
the write protect pin (WP).
- Commercial (C):
0
°C to
+70
°C
- Industrial (I):
-40
°C to
+85
°C
PACKAGE TYPES
BLOCK DIAGRAM
CS
SO
WP
VSS
1
2
3
4
VCC
HOLD
SCK
SI
8
7
6
5
VCC
HOLD
SCK
SI
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
PDIP
SOIC
SI
SO
SCK
CS
HOLD
WP
Status
Register
I/O Control
Memory
Control
Logic
X
Dec
HV Generator
EEPROM
Array
Page Latches
Y Decoder
Sense Amp.
R/W Control
Logic
Vcc
Vss
25LC080/160
8K/16K 2.5V SPI™ Bus Serial EEPROM
SPI is a trademark of Motorola.
This document was created with FrameMaker404


Similar Part No. - 25LC080

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC080 MICROCHIP-25LC080 Datasheet
291Kb / 22P
8K SPI TM Bus Serial EEPROM
2004
25LC080 MICROCHIP-25LC080 Datasheet
322Kb / 22P
8K SPI Bus Serial EEPROM
10/26/12
25LC080 MICROCHIP-25LC080 Datasheet
210Kb / 22P
8K SPI Bus Serial EEPROM
05/28/04
25LC080-E/P MICROCHIP-25LC080-E/P Datasheet
291Kb / 22P
8K SPI TM Bus Serial EEPROM
2004
25LC080-E/SN MICROCHIP-25LC080-E/SN Datasheet
291Kb / 22P
8K SPI TM Bus Serial EEPROM
2004
More results

Similar Description - 25LC080

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
8K/16K 5.0V SPI Bus Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
8K/16K 2.5V Microwire Serial EEPROM
1996
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
8K/16K SPI Serial CMOS EEPROM
logo
Microchip Technology
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2004
93LC76 MICROCHIP-93LC76_10 Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2010
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
05/28/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com