Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C46 Datasheet(PDF) 1 Page - Microchip Technology

Part # 93C46
Description  1K 5.0V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C46 Datasheet(HTML) 1 Page - Microchip Technology

  93C46 Datasheet HTML 1Page - Microchip Technology 93C46 Datasheet HTML 2Page - Microchip Technology 93C46 Datasheet HTML 3Page - Microchip Technology 93C46 Datasheet HTML 4Page - Microchip Technology 93C46 Datasheet HTML 5Page - Microchip Technology 93C46 Datasheet HTML 6Page - Microchip Technology 93C46 Datasheet HTML 7Page - Microchip Technology 93C46 Datasheet HTML 8Page - Microchip Technology 93C46 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS21172D-page 1
M
93C46B
FEATURES
• Single supply 5.0V operation
• Low power CMOS technology
- 1 mA active current (typical)
-1
µA standby current (maximum)
• 64 x 16 bit organization
• Self-timed ERASE and WRITE cycles (including
auto-erase)
• Automatic ERAL before WRAL
• Power on/off data protection circuitry
• Industry standard 3-wire serial interface
• Device status signal during ERASE/WRITE cycles
• Sequential READ function
• 1,000,000 E/W cycles guaranteed
• Data retention > 200 years
• 8-pin PDIP/SOIC and 8-pin TSSOP packages
• Available for the following temperature ranges:
BLOCK DIAGRAM
DESCRIPTION
The Microchip Technology Inc. 93C46B is a 1K-bit,
low-voltage serial Electrically Erasable PROM. The
device memory is configured as 64 x 16 bits. Advanced
CMOS
technology
makes
this
device
ideal
for
low-power,
nonvolatile
memory
applications. The
93C46B is available in standard 8-pin DIP, surface
mount SOIC, and TSSOP packages. The 93C46BX are
only offered in a 150 mil SOIC package.
PACKAGE TYPE
- Commercial (C):
0
°C to
+70
°C
- Industrial (I):
-40
°C to
+85
°C
- Automotive (E):
-40
°C to +125°C
VCC
VSS
DI
CS
CLK
DO
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
COUNTER
DATA
REGISTER
OUTPUT
BUFFER
MEMORY
DECODE
LOGIC
CLOCK
GENERATOR
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
NC
VSS
CS
CLK
DI
DO
VCC
NC
NC
VSS
NU
VCC
CS
CLK
NC
VSS
DO
DI
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
NC
VSS
TSSOP
SOIC
SOIC
1
2
3
4
DIP
8
7
6
5
1
2
3
4
8
7
6
5
1K 5.0V Microwire® Serial EEPROM
Microwire is a registered trademark of National Semiconductor Incorporated.


Similar Part No. - 93C46

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C46 MICROCHIP-93C46 Datasheet
432Kb / 8P
256 Bit/1K 5.0V CMOS Serial EEPROM
1995
logo
SYC Electronica
93C46 SYC-93C46 Datasheet
264Kb / 26P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
May 2003
logo
Microchip Technology
93C46-EJ MICROCHIP-93C46-EJ Datasheet
432Kb / 8P
256 Bit/1K 5.0V CMOS Serial EEPROM
1995
93C46-EP MICROCHIP-93C46-EP Datasheet
432Kb / 8P
256 Bit/1K 5.0V CMOS Serial EEPROM
1995
93C46-ESM MICROCHIP-93C46-ESM Datasheet
432Kb / 8P
256 Bit/1K 5.0V CMOS Serial EEPROM
1995
More results

Similar Description - 93C46

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC46A MICROCHIP-93LC46A Datasheet
420Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93LC46AB MICROCHIP-93LC46AB Datasheet
250Kb / 12P
1K 2.5V Microwire Serial EEPROM
2000 - 2001
93AA46A MICROCHIP-93AA46A Datasheet
403Kb / 24P
1K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
1K 5.0V Microwire Serial EEPROM
1996
24C01C MICROCHIP-24C01C_08 Datasheet
521Kb / 30P
1K 5.0V I2C??Serial EEPROM
2008
93AA46A MICROCHIP-93AA46A_10 Datasheet
736Kb / 34P
1K Microwire Compatible Serial EEPROM
2010
24C01CSN MICROCHIP-24C01CSN Datasheet
978Kb / 36P
1K 5.0V I2C??Serial EEPROM
1997-2012
93LC46BT-SN MICROCHIP-93LC46BT-SN Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com