Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C46 Datasheet(PDF) 2 Page - Microchip Technology

Part # 93C46
Description  1K 5.0V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C46 Datasheet(HTML) 2 Page - Microchip Technology

  93C46 Datasheet HTML 1Page - Microchip Technology 93C46 Datasheet HTML 2Page - Microchip Technology 93C46 Datasheet HTML 3Page - Microchip Technology 93C46 Datasheet HTML 4Page - Microchip Technology 93C46 Datasheet HTML 5Page - Microchip Technology 93C46 Datasheet HTML 6Page - Microchip Technology 93C46 Datasheet HTML 7Page - Microchip Technology 93C46 Datasheet HTML 8Page - Microchip Technology 93C46 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
93C46B
DS21172D-page 2
Preliminary
© 1997 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS ...............-0.6V to VCC +1.0V
Storage temperature .....................................-65
°C to +150°C
Ambient temp. with power applied.................-65
°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300
°C
ESD protection on all pins................................................ 4 kV
*Notice: Stresses above those listed under “Maximum ratings” may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is
not implied. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.
TABLE 1-1
PIN FUNCTION TABLE
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
NC
No Connect
VCC
Power Supply
TABLE 1-2
DC AND AC ELECTRICAL CHARACTERISTICS
All parameters apply over the
specified operating ranges
unless otherwise noted
Commercial (C)
VCC = +4.5V to +5.5V Tamb = 0
°C to +70°C
Industrial (I)
VCC = +4.5V to +5.5V Tamb = -40
°C to +85°C
Automotive (E)
VCC = +4.5V to +5.5V Tamb = -40
°C to +125°C
Parameter
Symbol
Min.
Max.
Units
Conditions
High level input voltage
VIH
2.0
VCC +1
V
(Note 2)
Low level input voltage
VIL
-0.3
0.8
V
Low level output voltage
VOL
0.4
V
IOL = 2.1 mA; VCC = 4.5V
High level output voltage
VOH
2.4
V
IOH = -400
µA; VCC = 4.5V
Input leakage current
ILI
-10
10
µA
VIN = VSS to VCC
Output leakage current
ILO
-10
10
µA
VOUT = VSS to VCC
Pin capacitance
(all inputs/outputs)
CIN, COUT
7
pF
VIN/VOUT = 0 V (Notes 1 & 2)
Tamb = +25
°C, FCLK = 1 MHz
ICC read
1
mA
Operating current
ICC write
1.5
mA
Standby current
ICCS
1
µA
CS = VSS
Clock frequency
FCLK
2
MHz
VCC = 4.5V
Clock high time
TCKH
250
ns
Clock low time
TCKL
250
ns
Chip select setup time
TCSS
50
ns
Relative to CLK
Chip select hold time
TCSH
0
ns
Relative to CLK
Chip select low time
TCSL
250
ns
Data input setup time
TDIS
100
ns
Relative to CLK
Data input hold time
TDIH
100
ns
Relative to CLK
Data output delay time
TPD
400
ns
CL = 100 pF
Data output disable time
TCZ
100
ns
CL = 100 pF (Note 2)
Status valid time
TSV
500
ns
CL = 100 pF
Program cycle time
TWC
2
ms
ERASE/WRITE mode
TEC
6
ms
ERAL mode
TWL
15
ms
WRAL mode
Endurance
1M
cycles
25
°C, VCC = 5.0V, Block Mode (Note 3)
Note 1: This parameter is tested at Tamb = 25
°C and FCLK = 1 MHz.
2: This parameter is periodically sampled and not 100% tested.
3: This application is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which may be obtained on Microchip’s BBS or website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com