Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C46 Datasheet(PDF) 11 Page - Microchip Technology

Part # 93C46
Description  1K 5.0V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C46 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 93C46 Datasheet HTML 4Page - Microchip Technology 93C46 Datasheet HTML 5Page - Microchip Technology 93C46 Datasheet HTML 6Page - Microchip Technology 93C46 Datasheet HTML 7Page - Microchip Technology 93C46 Datasheet HTML 8Page - Microchip Technology 93C46 Datasheet HTML 9Page - Microchip Technology 93C46 Datasheet HTML 10Page - Microchip Technology 93C46 Datasheet HTML 11Page - Microchip Technology 93C46 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
93C46B
© 1997 Microchip Technology Inc.
Preliminary
DS21172D-page 11
93C46B PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Package:
P = Plastic DIP (300 mil Body), 8-lead
SN = Plastic SOIC (150 mil Body), 8-lead
SM = Plastic SOIC (208 mil Body), 8-lead
ST = TSSOP, 8-lead
Temperature
Range:
Blank = 0
°C to +70
°C
I = -40
°C to +85°C
E = -40
°C to +125°C
Device:
93C46B = 1K Microwire Serial EEPROM
93C46BT = 1K Microwire Serial EEPROM Tape and Reel
93C46BX = 1K Microwire Serial EEPROM in alternate pinout
(SN only)
93C46BXT = 1K Microwire Serial EEPROM in alternate pinout,
Tape and Reel (SN only)
93C46B
—
/P
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office.
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277.
3.
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com