Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS361 Datasheet(PDF) 6 Page - Microchip Technology

Part # HCS361
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HCS361 Datasheet HTML 2Page - Microchip Technology HCS361 Datasheet HTML 3Page - Microchip Technology HCS361 Datasheet HTML 4Page - Microchip Technology HCS361 Datasheet HTML 5Page - Microchip Technology HCS361 Datasheet HTML 6Page - Microchip Technology HCS361 Datasheet HTML 7Page - Microchip Technology HCS361 Datasheet HTML 8Page - Microchip Technology HCS361 Datasheet HTML 9Page - Microchip Technology HCS361 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
HCS361
DS40146C-page 6
Preliminary
© 1996 Microchip Technology Inc.
3.2
SYNC_A, SYNC_B
(Synchronization Counter)
This is the 16-bit synchronization value that is used to
create the hopping code for transmission. This value
will be changed after every transmission. A second syn-
chronization value can be used to stay synchronized
with a second receiver.
3.3
SEED_0, SEED_1, and SEED_2
(Seed Word)
This is the three word (48 bits) seed code that will be
transmitted when seed transmission is selected. This
allows the system designer to implement the secure
learn feature or use this fixed code word as part of a dif-
ferent key generation/tracking process or purely as a
fixed code transmission.
3.4
SER_0, SER_1 (Encoder Serial
Number)
SER_0 and SER_1 are the lower and upper words of
the device serial number, respectively. There are 32 bits
allocated for the serial number and a selectable config-
uration bit determines whether 32 or 28 bits will be
transmitted. The serial number is meant to be unique
for every transmitter.
3.5
CONFIG (Configuration Word)
The configuration word is a 16-bit word stored in
EEPROM array that is used by the device to store
information used during the encryption process, as well
as
the
status
of
option
configurations. Further
explanations of each of the bits are described in the
following sections.
TABLE 3-2
CONFIGURATION WORD
3.5.1
BACW: BLANK ALTERNATE CODE WORD
BACW = 1 selects the encoder to transmit every sec-
ond code word. This can be used to reduce the average
power transmitted over a 100ms window and thereby
transmit a higher peak power.
3.5.2
FAST: SELECT FAST TRANSMISSION
FAST selects the baud rate. If FAST = 1, the baud rate
is nominally 1667 bits per second and with FAST = 0,
833 bits per second.
3.5.3
TXWAK: BIT FORMAT SELECT OR
WAKEUP
In PWM mode, this bit selects the bit format. If TXWAK
= 1, the PWM pulse is 1/6;2/6 and for TXWAK = 0, 1/
3;2/3 (Figure 4-1, VPWM = 0).
In VPWM mode, this bit enables the wake-up signal.
With TXWAK = 1, transmission of the wake-up and
dead time sequence is enabled (Figure 4-2, VPWM =
1). Wakeup is transmitted before the first code word of
each transmission only. For TXWAK = 0, the transmis-
sion will skip wake-up and start transmitting the pream-
ble portion of the code word (Figure 4-2, VPWM = 1).
3.5.4
SPM: SYNC PULSE MODULATION
Select modulation mode of Sync Pulse. If SPM = 1, the
sync pulse is modulated (Figure 4-1 and Figure 4-2).
Bit Number
Symbol
Bit Description
0
BACW
Blank Alternate Code Word
1
FAST
Baud Rate Selection
2
TXWAK
PWM mode: 1/6, 2/6 or 1/3,
2/3 select
VPWM mode: Wakeup
enable
3
SPM
Sync Pulse Modulation
4
SEED
Seed Transmission enable
5
DELM
Delay mode enable
6
TIMO
Time out enable
7
IND
Independent mode enable
8
USRA0
User bit
9
USRA1
User bit
10
USRB0
User bit
11
USRB1
User bit
12
XSER
Extended serial number
enable
13
TMPSD
Temporary seed transmis-
sion enable
14
VPWM
VPWM select
15
OVR
Overflow bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com