Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS361 Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS361
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS361 Datasheet HTML 6Page - Microchip Technology HCS361 Datasheet HTML 7Page - Microchip Technology HCS361 Datasheet HTML 8Page - Microchip Technology HCS361 Datasheet HTML 9Page - Microchip Technology HCS361 Datasheet HTML 10Page - Microchip Technology HCS361 Datasheet HTML 11Page - Microchip Technology HCS361 Datasheet HTML 12Page - Microchip Technology HCS361 Datasheet HTML 13Page - Microchip Technology HCS361 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
HCS361
DS40146C-page 10
Preliminary
© 1996 Microchip Technology Inc.
4.0
TRANSMITTED WORD
4.1
Transmission Format (PWM)
The HCS361 transmission is made up of several parts
(Figure 4-1 and Figure 4-2). Each transmission is
begun with a preamble and a header, followed by the
encrypted and then the fixed data. The actual data is
67 bits which consists of 32 bits of encrypted data and
35 bits of fixed data. Each transmission is followed by
a guard period before another transmission can begin.
Refer to Table and Table for transmission timing spec-
ifications. The encrypted portion provides up to four bil-
lion changing code combinations and includes the
function bits (based on which buttons were activated)
along with the synchronization counter value and dis-
crimination value. The non-encrypted portion is com-
prised of the CRC bits, VLOW bits, the function bits and
the 28/32-bit serial number. The encrypted and non-
encrypted sections combined increase the number of
combinations to 1.47 x 1020.
4.2
Code Word Organization
The HCS361 transmits a 67-bit code word when a but-
ton is pressed. The 67-bit word is constructed from a
Fixed Code portion and an Encrypted Code portion
(Figure 4-3).
The Encrypted Data is generated from 4 function bits,
2 user bits, overflow bit, independent mode bit, and 8
serial number bits, and the 16-bit synchronization value
(Figure 8-4).
The Non-encrypted Code Data is made up of VLOW
bit, 2 CRC bits, 4 function bits, and the 28-bit serial
number. If the extended serial number (32 bits) is
selected, the 4 function code bits will not be transmit-
ted.
FIGURE 4-1:
TRANSMISSION FORMAT—VPWM = 0
TBP
LOGIC "1"
Code Word
BIT
TE
Guard
Time
TXWAK=1
TXWAK=0
SPM=1
SPM=0
Preamble
Header
Encrypted
Data
Fixed Code
Data
BIT
LOGIC "0"
TXWAK=1
TXWAK=0
TBP
CODE WORD:
TRANSMISSION SEQUENCE:
Preamble
Sync
Encrypt
Fixed
Guard
1 CODE WORD
Preamble
Sync
Encrypt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com