Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS361 Datasheet(PDF) 20 Page - Microchip Technology

Part # HCS361
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS361 Datasheet(HTML) 20 Page - Microchip Technology

Back Button HCS361 Datasheet HTML 16Page - Microchip Technology HCS361 Datasheet HTML 17Page - Microchip Technology HCS361 Datasheet HTML 18Page - Microchip Technology HCS361 Datasheet HTML 19Page - Microchip Technology HCS361 Datasheet HTML 20Page - Microchip Technology HCS361 Datasheet HTML 21Page - Microchip Technology HCS361 Datasheet HTML 22Page - Microchip Technology HCS361 Datasheet HTML 23Page - Microchip Technology HCS361 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
HCS361
DS40146C-page 20
Preliminary
© 1996 Microchip Technology Inc.
TABLE 8-5
CODE WORD TRANSMISSION TIMING PARAMETERS
VPWM Mode (FAST = 0)
VDD = +2.0 to 6.6V
Commercial
(C): Tamb = 0
°C to +70°C
Industrial
(I): Tamb = -40
°C to +85°C
Code Words Transmitted
FAST = 0,
Shortest
FAST = 0,
Longest
Symbol
Characteristic
Number
of TE
Min
Typ.
Max.
Number
of TE
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
260
400
620
1
260
400
620
µs
TP
Preamble duration
28
7.3
11.2
17.4
28
7.3
11.2
17.4
ms
TH
Header duration
10
2.6
4.0
6.2
10
2.6
4.0
6.2
ms
THOP
Hopping code duration
32
8.3
12.8
19.8
64
16.6
25.6
39.7
ms
TFIX
Fixed code duration
35
9.1
14.0
21.7
70
18.2
28.0
43.4
ms
TG
Guard Time
112
29.1
44.8
69.4
112
29.1
44.8
69.4
ms
Total Transmit Time
217
56.4
86.8
134.5
284
73.8
113.6
176.1
ms
VPWM data rate
3846
2500
1613
3846
2500
1613
ms
Note:
The timing parameters are not tested but derived from the oscillator clock.
VPWM Mode (FAST = 1)
VDD = +2.0 to 6.6V
Commercial
(C): Tamb = 0
°C to +70°C
Industrial
(I): Tamb = -40
°C to +85°C
Code Words Transmitted
FAST = 1,
Shortest
FAST = 1,
Longest
Symbol
Characteristic
Number
of TE
Min
Typ.
Max.
Number
of TE
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
130
200
310
1
130
200
310
µs
TP
Preamble duration
28
3.6
5.6
8.7
28
3.6
5.6
8.7
ms
TH
Header duration
10
1.3
2.0
3.1
10
1.3
2.0
3.1
ms
THOP
Hopping code duration
32
4.2
6.4
9.9
64
8.3
12.8
19.8
ms
TFIX
Fixed code duration
35
4.6
7.0
10.9
70
9.1
14.0
21.7
ms
TG
Guard Time
224
29.1
44.8
69.4
224
29.1
44.8
69.4
ms
Total Transmit Time
329
42.8
65.8
102.0
396
51.5
79.2
122.8
ms
VPWM data rate
7692
5000
3226
7692
5000
3226
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com