Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512 Datasheet(PDF) 5 Page - Microchip Technology

Part # HCS512
Description  KEELOQ CODE HOPPING DECODER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512 Datasheet(HTML) 5 Page - Microchip Technology

  HCS512 Datasheet HTML 1Page - Microchip Technology HCS512 Datasheet HTML 2Page - Microchip Technology HCS512 Datasheet HTML 3Page - Microchip Technology HCS512 Datasheet HTML 4Page - Microchip Technology HCS512 Datasheet HTML 5Page - Microchip Technology HCS512 Datasheet HTML 6Page - Microchip Technology HCS512 Datasheet HTML 7Page - Microchip Technology HCS512 Datasheet HTML 8Page - Microchip Technology HCS512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
HCS512
© 1997 Microchip Technology Inc.
DS40151C-page 5
3.0
DESCRIPTION OF FUNCTIONS
3.1
Parallel Interface
The HCS512 activates the S3, S2, S1 & S0 outputs
according to Table 3-1 when a new valid code is
received. The outputs will be activated for approxi-
mately 500 ms. If a repeated code is received during
this time, the output extends for approximately 500 ms.
TABLE 3-1:
FUNCTION OUTPUT TABLE
3.2
Serial Interface
The decoder has a PWM/Synchronous interface con-
nection to microcontrollers with limited I/O. An output
data stream is generated when a valid transmission is
received. The data stream consists of one start bit, four
function bits, one bit for battery status, one bit to indi-
cate a repeated transmission, two status bits, and one
stop bit. (Table 3-1). The DATA and CLK lines are used
to send a synchronous event message.
A special status message is transmitted on the second
pass of learn. This allows the controlling microcontroller
to determine if the learn was successful (Result = 1)
and if a previous transmitter was overwritten (Overwrite
= 1). The status message is shown in Figure 3-2.
Table 3-2 show the values for TX1:0 and the number of
transmitters learned.
TABLE 3-2:
STATUS BITS
FIGURE 3-1:
DATA OUTPUT FORMAT
FIGURE 3-2:
STATUS MESSAGE FORMAT
A 1-wire PWM or 2-wire synchronous interface can be used.
In 1-wire mode, the data is transmitted as a PWM signal with a basic pulse width of 400
µs.
In 2-wire mode, synchronous mode PWM bits start on the rising edge of the clock, and the bits must be sampled on the
falling edge. The start and stop bits are ‘1’.
FIGURE 3-3:
PWM TRANSMISSION FORMAT
Function
Code
S3
S2
S1
S0
0001
0
0
0
1
0010
0
0
1
0
0011
0
0
1
1
0100
0
1
0
0
0101
0
1
0
1
0110
0
1
1
0
0111
0
1
1
1
1000
1
0
0
0
1001
1
0
0
1
1010
1
0
1
0
1011
1
0
1
1
1100
1
1
0
0
1101
1
1
0
1
1110
1
1
1
0
1111
1
1
1
1
TX1
TX0
Number of Transmitters
0
0
One
0
1
Two
1
0
Three
1
1
Four
START
S3
S2
S1
S0
VLOW
TX1
TX0
STOP
REPEAT
START
0
0
0
0
RESULT
TX1
TX0
STOP
OVRWR
S3
Start
S2
S1
S0
VLOW
RPT Reserved Reserved Stop
1200
µs
CLK
DATA
“1”
“0”
600
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com