Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512 Datasheet(PDF) 2 Page - Microchip Technology

Part # HCS512
Description  KEELOQ CODE HOPPING DECODER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512 Datasheet(HTML) 2 Page - Microchip Technology

  HCS512 Datasheet HTML 1Page - Microchip Technology HCS512 Datasheet HTML 2Page - Microchip Technology HCS512 Datasheet HTML 3Page - Microchip Technology HCS512 Datasheet HTML 4Page - Microchip Technology HCS512 Datasheet HTML 5Page - Microchip Technology HCS512 Datasheet HTML 6Page - Microchip Technology HCS512 Datasheet HTML 7Page - Microchip Technology HCS512 Datasheet HTML 8Page - Microchip Technology HCS512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
HCS512
DS40151C-page 2
© 1997 Microchip Technology Inc.
1.0
KEELOQ SYSTEM OVERVIEW
1.1
Key Terms
• Manufacturer’s Code – a 64-bit word, unique to
each manufacturer, used to produce a unique
encoder key in each transmitter (encoder).
• Encoder Key – a 64-bit key, unique for each trans-
mitter. The encoder key controls the decryption
algorithm and is stored in EEPROM on the
decoder device.
• Learn – The receiver uses information that is
transmitted to derive the transmitter’s secret key,
decrypt the discrimination value and the synchro-
nization counter in learning mode. The encoder
key is a function of the Manufacturer’s Code and
the device serial number and/or seed value.
The HCS encoders and decoders employ the KEELOQ
code hopping technology and an encryption algorithm
to achieve a high level of security. Code hopping is a
method by which the code transmitted from the trans-
mitter to the receiver is different every time a button is
pushed. This method, coupled with a transmission
length of 66 bits, virtually eliminates the use of code
‘grabbing’ or code ‘scanning’.
1.2
HCS Encoder Overview
The HCS encoders have a small EEPROM array which
must be loaded with several parameters before use.
The most important of these values are:
• A 28-bit serial number which is meant to be
unique for every encoder
• An encoder key that is generated at the time of
production
• A 16-bit synchronization value
The serial number for each encoder is programmed by
the manufacturer at the time of production. The
generation of the encoder key is done using a key gen-
eration algorithm (Figure 1-1). Typically, inputs to the
key generation algorithm are the serial number of the
encoder and a 64-bit manufacturer’s code. The manu-
facturer’s code is chosen by the system manufacturer
and must be carefully controlled. The manufacturer’s
code is a pivotal part of the overall system security.
FIGURE 1-1:
CREATION AND STORAGE OF ENCODER KEY DURING PRODUCTION
Transmitter
Manufacturer’s
Serial Number or
Code
Encoder
Key
Key
Generation
Algorithm
Serial Number
Encoder Key
Sync Counter
.
.
.
HCSXXX EEPROM Array
Seed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com