Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS512 Datasheet(PDF) 17 Page - Microchip Technology

Part # HCS512
Description  KEELOQ CODE HOPPING DECODER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS512 Datasheet(HTML) 17 Page - Microchip Technology

Back Button HCS512 Datasheet HTML 12Page - Microchip Technology HCS512 Datasheet HTML 13Page - Microchip Technology HCS512 Datasheet HTML 14Page - Microchip Technology HCS512 Datasheet HTML 15Page - Microchip Technology HCS512 Datasheet HTML 16Page - Microchip Technology HCS512 Datasheet HTML 17Page - Microchip Technology HCS512 Datasheet HTML 18Page - Microchip Technology HCS512 Datasheet HTML 19Page - Microchip Technology HCS512 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
FIGURE 9-3:
TYPICAL DECODER APPLICATION CIRCUIT
S1
S2
S3
LRNOUT
S0
V
D
D
G
N
D
G
N
D
VDD
LOW VOLTAGE DETECTOR—DO NOT OMIT
VI
VO
10K
VDD
10K
10 pF
14
P2
5
VDD
10K
1 RECEIVE DATA INPUT
1
2
3
12V
GND
1N4004/7
100
µF
POWER SUPPLY
G
N
D
LM7805
VI
VO
VDD
NC
RFIN
LRNIN
LRNOUT
S0
S1
S2
S3
VLOW
SLEEP
CLK
DAT
MCLR
NC
OSCIN
OSCOUT
4
3
16
15
LEARN
BUTTON
Vlow
P3
1K
1K
1K
1K
1K
1K
100
µF
P4
P3
P2
In Circuit
17
18
1
2
6
7
8
9
10
11
12
13
HCS512
P4
100K
Programming Pads
DATA
CLOCK
RESET
GND
P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com