Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP3855G-AA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UP3855G-AA3-R
Description  PNP MEDIUM POWER LOW SATURATION TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP3855G-AA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UP3855G-AA3-R Datasheet HTML 1Page - Unisonic Technologies UP3855G-AA3-R Datasheet HTML 2Page - Unisonic Technologies UP3855G-AA3-R Datasheet HTML 3Page - Unisonic Technologies UP3855G-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UP3855
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R225-007.A
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-180
V
Collector-Emitter Voltage
VCEO
-140
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current (Note 1)
IC
-4
A
Peak Pulse Current
ICM
-10
A
3.0 (Note 1)
Power Dissipation
PD
1.6 (Note 2)
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
42 (Note 1)
Junction to Ambient
θJA
78 (Note 2)
°C/W
Notes: 1. For a device surface mounted on 52mm x 52mm x 1.6mm FR4 PCB with high coverage of single sided 2oz
copper, in still air conditions.
2. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz
copper, in still air conditions.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
VCBO
IC=-100μA
-180
-200
V
Collector-Emitter Breakdown Voltage
VCER
IC=-1μA, RB≤1kΩ
-180
-200
V
Collector-Emitter Breakdown Voltage
VCEO
IC=-10mA (Note 1)
-140
-160
V
Emitter-Base Breakdown Voltage
VEBO
IE=-100μA
-7.0
-8.0
V
VCB=-150V
<1
-20
nA
Collector Cut-Off Current
ICBO
VCB=-150V, TA=100°C
-0.5
μA
<1
-20
nA
Collector Cut-Off Current
ICER
VCB=-150V,
R≤1kΩ
TA=100°C
-0.5
μA
Emitter Cut-Off Current
IEBO
VEB=-6V
<1
-10
nA
IC=-0.1A, IB=-5mA
-40
-60
mV
IC=-0.5A, IB=-50mA
-55
-80
mV
IC=-1A, IB=-100mA
-85
-120
mV
Collector-Emitter Saturation Voltage
(Note 1)
VCE(SAT)
IC=-3A, IB=-300mA
-275
-360
mV
Base-Emitter Saturation Voltage
VBE(SAT)
IC=-3A, IB=-300mA(Note 1)
-940
-1040
mV
Base-Emitter Turn-On Voltage
VBE(ON)
IC=-3A, VCE=-5V (Note 1)
-830
-930
mV
IC=-10mA, VCE=-5V
100
225
IC=-1A, VCE=-5V
100
200
300
IC=-3A, VCE=-5V
45
100
Static Forward Current Transfer
Ratio (Note 1)
hFE
IC=-10A, VCE=-5V
5
Transition Frequency
fT
IC=-100mA, VCE=-10V
f=50MHz
120
MHz
Output Capacitance (Note 1)
COBO
VCB=-10V, f=1MHz
33
pF
tON
150
Switching Times
tOFF
IC=-1A, VCC=-50V,
IB1=-IB2=-100mA
750
ns
Note: 1. Measured under pulsed conditions. Pulse width≤300μs; duty cycle≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com