Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP3855G-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UP3855G-AA3-R
Description  PNP MEDIUM POWER LOW SATURATION TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP3855G-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UP3855G-AA3-R Datasheet HTML 1Page - Unisonic Technologies UP3855G-AA3-R Datasheet HTML 2Page - Unisonic Technologies UP3855G-AA3-R Datasheet HTML 3Page - Unisonic Technologies UP3855G-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UP3855
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R225-007.A
TYPICAL CHARACTERISTICS
1
0.01
Collector-Emitter Voltage,-VCE(V)
10
1
0.1
0.1
100
1.0s
100
TA=25ºC
Power Dissipatio vs Ambient Temperature
DC
10
10ms
100ms
1ms
100m
1
VCE(SAT) vs. IC
0.0
0.5
1.0
1.5
2.0
Collector Current, -IC (A)
IC /IB=10
25°C
55°C
0.6
0.4
1
hFE vs. IC
0.8
1.0
1.2
1.4
1.6
1m
10m
100m
50
0
150
200
250
250
100
Collector Current, -IC (A)
55ºC
25ºC
1m
10m
100m
1
0.4
0.6
0.8
1.0
1.2
55°C
25°C
VBE(SAT) vs. IC
Collector Current, -IC (A)
1.4
IC / IB=10
VCE=5V
1m
10m
100m
1
VCE(SAT) vs. IC
Collector Current, -IC (A)
10m
100m
1
IC /IB=10
IC /IB=20
IC /IB=50
TA=25°C
1m
10m
100m
1
0.4
0.6
0.8
1.0
1.2
55°C
25°C
VBE(ON) vs. IC
Collector Current, -IC (A)
1.4
VCE=5V
300μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com