Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP3855G-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UP3855G-AA3-R
Description  PNP MEDIUM POWER LOW SATURATION TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP3855G-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UP3855G-AA3-R Datasheet HTML 1Page - Unisonic Technologies UP3855G-AA3-R Datasheet HTML 2Page - Unisonic Technologies UP3855G-AA3-R Datasheet HTML 3Page - Unisonic Technologies UP3855G-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP3855
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R225-007.A
PNP MEDIUM POWER LOW
SATURATION TRANSISTOR
DESCRIPTION
The UTC UP3855 is a transistor with low saturation voltage. It
provides customers with very low on-state losses that makes it
ideal for applications, such as driving and power management
functions and DC-DC circuits.
FEATURES
* Extremely low saturation voltages
* Peak current up to 10A
* 4A continuous current
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
UP3855G-AA3-R
SOT-223
B
C
E
Tape Reel
Note: Pin Assignment:
B: Base
C: Collector
E: Emitter
MARKING


Similar Part No. - UP3855G-AA3-R

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP3861P UPI-UP3861P Datasheet
235Kb / 17P
Dual Channel Interleaved Synchronous-Rectified Buck Controller
More results

Similar Description - UP3855G-AA3-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T955G DIODES-ZX5T955G Datasheet
122Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
AUGUST 2004
ZXTP2014G DIODES-ZXTP2014G Datasheet
119Kb / 6P
140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
JUNE 2005
logo
Unisonic Technologies
UP2855 UTC-UP2855 Datasheet
127Kb / 3P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT951K DIODES-ZXT951K_15 Datasheet
141Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 3
ZXT953K DIODES-ZXT953K_15 Datasheet
407Kb / 7P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 2
ZXTP2006E6 DIODES-ZXTP2006E6_16 Datasheet
362Kb / 7P
20V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 2
ZXTP2012G DIODES-ZXTP2012G_16 Datasheet
451Kb / 7P
60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 2
ZXTP03200BG DIODES-ZXTP03200BG_16 Datasheet
433Kb / 7P
200V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 2
ZXT951KQ DIODES-ZXT951KQ Datasheet
441Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 1
ZXTP2008Z DIODES-ZXTP2008Z_17 Datasheet
495Kb / 7P
30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com