Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL84582 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL84582
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL84582 Datasheet HTML 1Page - Intersil Corporation ISL84582 Datasheet HTML 2Page - Intersil Corporation ISL84582 Datasheet HTML 3Page - Intersil Corporation ISL84582 Datasheet HTML 4Page - Intersil Corporation ISL84582 Datasheet HTML 5Page - Intersil Corporation ISL84582 Datasheet HTML 6Page - Intersil Corporation ISL84582 Datasheet HTML 7Page - Intersil Corporation ISL84582 Datasheet HTML 8Page - Intersil Corporation ISL84582 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6213.3
May 6, 2009
DYNAMIC CHARACTERISTICS
Inhibit Turn-ON Time, tON
V+ = 10.8V, VNO or VNC = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 4, (See Figure 1, Note 9)
25
-
24
40
ns
Full
-
-
45
ns
Inhibit Turn-OFF Time, tOFF
V+ = 10.8V, VNO or VNC = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 4, (See Figure 1, Note 9)
25
-
15
30
ns
Full
-
-
35
ns
Address Transition Time, tTRANS
V+ = 10.8V, VNO or VNC = 10V, RL = 300Ω, CL = 35pF,
VIN = 0 to 4, (See Figure 1, Note 9)
25
-
27
50
ns
Full
-
-
55
ns
Break-Before-Make Time Delay, tD V+ = 13.2V, RL = 300Ω, CL = 35pF, VNO or VNC = 10V,
VIN = 0 to 4, (See Figure 3, Note 9)
Full
2
5
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2, Note 9)
25
-
2.7
5
pC
OFF-Isolation
RL = 50Ω, CL = 15pF, f = 100kHz,
(See Figure 4, 6 and 19)
25
-
92
-
dB
Crosstalk, (Note 8)
25
-
≤110
-
dB
All Hostile Crosstalk, (Note 8)
25
-
-105
-
dB
NO or NC OFF Capacitance,
COFF
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
3
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
12
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
18
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
10.8
-
13.2
V
Positive Supply Current, I+
V+ = 13.2V, VINH, VADD = 0V or V+, all channels on or
off (Note 9)
Full
-1
-
1
µA
Electrical Specifications: 5V Supply Test Conditions: V+ = +4.5V to +5.5V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 10) TYP
MAX
(Notes 4, 10) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
(Note 9)
Full
0
-
V+
V
ON-Resistance, rON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3.5V,
(See Figure 5)
25
-
81
100
Ω
Full
-
-
120
Ω
rON Matching Between Channels,
ΔrON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3V, (Note 5)
25
-
2.2
4
Ω
Full
-
-
6
Ω
rON Flatness, RFLAT(ON)
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 1V, 2V, 3V,
(Note 6)
Full
-
11.5
-
Ω
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINHH, VADDH
Full
2.4
-
-
V
Input Voltage Low, VINHL, VADDL
Full
-
-
0.8
V
Input Current, IADDH, IADDL, IINHH,
IINHL
V+ = 5.5V, VINH, VADD = 0V or V+, (Note 9)
Full
-0.5
-
0.5
µA
Electrical Specifications: 12V Supply Test Conditions: V+ = +10.8V to +13.2V, GND = 0V, VINH = 4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 10)
TYP
MAX
(Notes 4, 10) UNITS
ISL84582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com