Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL84582 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL84582
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL84582 Datasheet HTML 6Page - Intersil Corporation ISL84582 Datasheet HTML 7Page - Intersil Corporation ISL84582 Datasheet HTML 8Page - Intersil Corporation ISL84582 Datasheet HTML 9Page - Intersil Corporation ISL84582 Datasheet HTML 10Page - Intersil Corporation ISL84582 Datasheet HTML 11Page - Intersil Corporation ISL84582 Datasheet HTML 12Page - Intersil Corporation ISL84582 Datasheet HTML 13Page - Intersil Corporation ISL84582 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
FN6213.3
May 6, 2009
FIGURE 19. CROSSTALK AND OFF-ISOLATION
FIGURE 20. CHARGE INJECTION vs SWITCH VOLTAGE
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
ISL84582: 193
PROCESS:
Si Gate CMOS
Typical Performance Curves
TA = +25°C, Unless Otherwise Specified. (Continued)
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
RL = 50Ω
VS = ±2V to ±5V
V+ = 3V to 12V or
ALL HOSTILE CROSSTALK
VCOM (V)
-5
0
5
10
12
-4
-3
-2
-1
0
1
2
3
-2.5
2.5
7.5
VS = ±5V
V+ = 5V
V- = 0V
V+ = 12V
V- = 0V
V+ = 3.3V
V- = 0V
ISL84582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com