Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL84582 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL84582
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL84582 Datasheet HTML 1Page - Intersil Corporation ISL84582 Datasheet HTML 2Page - Intersil Corporation ISL84582 Datasheet HTML 3Page - Intersil Corporation ISL84582 Datasheet HTML 4Page - Intersil Corporation ISL84582 Datasheet HTML 5Page - Intersil Corporation ISL84582 Datasheet HTML 6Page - Intersil Corporation ISL84582 Datasheet HTML 7Page - Intersil Corporation ISL84582 Datasheet HTML 8Page - Intersil Corporation ISL84582 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6213.3
May 6, 2009
Pinout
ISL84582
(16 LD TSSOP)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
B0
B1
COMB
B3
B2
INH
GND
V-
V+
A2
COMA
A0
A3
ADDB
ADDA
A1
LOGIC
Truth Table
ISL84582
INH
ADDB
ADDA
SWITCH ON
1X
X
NONE
0
0
0
A0, B0
0
0
1
A1, B1
0
1
0
A2, B2
0
1
1
A3, B3
NOTE:
Logic “0”
≤0.8V. Logic “1” ≥2.4V, with V+ between 3V and
10V. X = Don’t Care.
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL84582IVZ
84582 IVZ
-40 to +85
16 Ld TSSOP M16.173
ISL84582IVZ-T* 84582 IVZ
-40 to +85
16 Ld TSSOP
Tape and Reel
M16.173
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish,
which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Pin
V-
Negative Power Supply Pin. Connect to GND for Single
Supply Configurations.
GND
Ground Connection
INH
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
COMx
Analog Mux Common Pin
Ax, Bx
Analog Mux Signal Pin
ADDx
Address Input Pin
ISL84582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com