Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002DWG-AL6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2N7002DWG-AL6-R
Description  DUAL POSITIVE-EDGETRIGGERED D-TYPE FLIP-FLOPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002DWG-AL6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  2N7002DWG-AL6-R Datasheet HTML 1Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 2Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 3Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 4Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 5Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N7002DW
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-534.D
TYPICAL CHARACTERISTICS
100
75
0
-25
2
1.5
1
-50
0.5
1.6
1.2
0.8
0.4
VGS=10V
3
2.5
2
1.5
1
0
0.5
25
50
150
125
0.75
1.25
1.75
2
0
TJ=125°C
25°C
Junction Temperature, TJ (°C)
On-Resistance Varisation with Temperature
VGS=10V
ID=300mA
Drain Current,ID (A)
On-Resistance Varisation with Drain
Current and Temperature
0
10
8
6
4
2
100
75
0
-25
-50
25
50
125
0.8
0.4
0.6
0.2
1.0
0
150
1.1
1.05
1
0.95
0.9
0.85
0.8
Gate to Source Voltage, VGS (V)
Transfer Characteristics
VDS=10V
25°C
125°C
Junction Temperature, TJ (°C)
Gate Threshold Varisation with Temperature
VGS = VDS
ID = 1mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com