Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002DWG-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N7002DWG-AL6-R
Description  DUAL POSITIVE-EDGETRIGGERED D-TYPE FLIP-FLOPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002DWG-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N7002DWG-AL6-R Datasheet HTML 1Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 2Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 3Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 4Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 5Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N7002DW
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-534.D
300mA, 60V DUAL
N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 2N7002DW uses advanced technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in PWM
applications.
FEATURES
* High Density Cell Design for Low RDS(ON).
* Voltage Controlled Small Signal Switch
* Rugged and Reliable
* High Saturation Current Capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
12345
6
2N7002DWG-AL6-R
SOT-363
S1 G1 D2 S2 G2 D1
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source
MARKING
3PG


Similar Part No. - 2N7002DWG-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N7002DWG-AL6-R UTC-2N7002DWG-AL6-R Datasheet
306Kb / 6P
300m Amps, 60 Volts DUAL N-CHANNEL POWER MOSFET
2N7002DWG-AL6-R UTC-2N7002DWG-AL6-R Datasheet
291Kb / 6P
300mA, 60V DUAL N-CHANNEL POWER MOSFET
More results

Similar Description - 2N7002DWG-AL6-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74LVC74A UTC-U74LVC74A_15 Datasheet
220Kb / 7P
DUAL POSITIVE-EDGETRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
Dual Positive-Edge-Triggered D-Type Flip-Flops
CD54AC74 TI1-CD54AC74_14 Datasheet
686Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com