Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002DWG-AL6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2N7002DWG-AL6-R
Description  DUAL POSITIVE-EDGETRIGGERED D-TYPE FLIP-FLOPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002DWG-AL6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  2N7002DWG-AL6-R Datasheet HTML 1Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 2Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 3Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 4Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 5Page - Unisonic Technologies 2N7002DWG-AL6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N7002DW
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-534.D
TYPICAL CHARACTERICS (Cont.)
100
75
0
-25
1.1
1.05
1
-50
0.925
11.2
0.8
0.4
1
0.5
0.1
0.05
0.01
0.2
0.005
25
50
150
125
0.95
1.025
1.075
1.4
0.001
0.975
0.6
2
Junction Temperature, TJ (°C)
Breakdown Voltage Varisation
with Temperature
ID = 250μA
Body Diode Forward Voltage, VSD (V)
Body Diode Forward Voltage Varisation
with Temperature
VGS=0V
TJ =125°C
25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com