Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16CE623 Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16CE623
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16CE623 Datasheet HTML 29Page - Microchip Technology PIC16CE623 Datasheet HTML 30Page - Microchip Technology PIC16CE623 Datasheet HTML 31Page - Microchip Technology PIC16CE623 Datasheet HTML 32Page - Microchip Technology PIC16CE623 Datasheet HTML 33Page - Microchip Technology PIC16CE623 Datasheet HTML 34Page - Microchip Technology PIC16CE623 Datasheet HTML 35Page - Microchip Technology PIC16CE623 Datasheet HTML 36Page - Microchip Technology PIC16CE623 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40182A-page 33
PIC16CE62X
FIGURE 6-7:
PAGE WRITE
S
P
BUS ACTIVITY
PROCESSOR
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
WORD
ADDRESS (n)
DATA n
DATAn + 7
DATAn + 1
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
6.5
READ OPERATION
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the
EEPROM address is set to one. There are three basic
types of read operations: current address read, random
read, and sequential read.
6.6
Current Address Read
The EEPROM contains an address counter that main-
tains the address of the last word accessed, internally
incremented by one. Therefore, if the previous access
(either a read or write operation) was to address n, the
next current address read operation would access data
from address n + 1. Upon receipt of the EEPROM
address with R/W bit set to one, the EEPROM issues
an acknowledge and transmits the eight bit data word.
The processor will not acknowledge the transfer but
does generate a stop condition and the EEPROM dis-
continues transmission (Figure 6-8).
6.7
Random Read
Random read operations allow the processor to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
EEPROM as part of a write operation. After the word
address is sent, the processor generates a start condi-
tion following the acknowledge. This terminates the
write operation, but not before the internal address
pointer is set. Then the processor issues the control
byte again but with the R/W bit set to a one. The
EEPROM will then issue an acknowledge and trans-
mits the eight bit data word. The processor will not
acknowledge the transfer but does generate a stop
condition and the EEPROM discontinues transmission
(Figure 6-9).
6.8
Sequential Read
Sequential reads are initiated in the same way as a ran-
dom read except that after the EEPROM transmits the
first data byte, the processor issues an acknowledge as
opposed to a stop condition in a random read. This
directs the EEPROM to transmit the next sequentially
addressed 8-bit word (Figure 6-10).
To provide sequential reads the EEPROM contains an
internal address pointer which is incremented by one at
the completion of each operation. This address pointer
allows the entire memory contents to be serially read
during one operation.
6.9
Noise Protection
The EEPROM employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 1.5 volts at nominal conditions.
The SCL and SDA inputs have Schmitt trigger and filter
circuits which suppress noise spikes to assure proper
device operation even on a noisy bus.
62X.bk Page 33 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com