Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16CE623 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16CE623
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16CE623 Datasheet HTML 1Page - Microchip Technology PIC16CE623 Datasheet HTML 2Page - Microchip Technology PIC16CE623 Datasheet HTML 3Page - Microchip Technology PIC16CE623 Datasheet HTML 4Page - Microchip Technology PIC16CE623 Datasheet HTML 5Page - Microchip Technology PIC16CE623 Datasheet HTML 6Page - Microchip Technology PIC16CE623 Datasheet HTML 7Page - Microchip Technology PIC16CE623 Datasheet HTML 8Page - Microchip Technology PIC16CE623 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40182A-page 1
Devices included in this data sheet:
• PIC16CE623
• PIC16CE624
• PIC16CE625
High Performance RISC CPU:
• Only 35 instructions to learn
• All single-cycle instructions (200 ns), except for
program branches which are two-cycle
• Operating speed:
- DC - 20 MHz clock input
- DC - 200 ns instruction cycle
• Interrupt capability
• 16 special function hardware registers
• 8-level deep hardware stack
• Direct, Indirect and Relative addressing modes
Peripheral Features:
• 13 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
- Two analog comparators
- Programmable on-chip voltage reference
(VREF) module
- Programmable input multiplexing from device
inputs and internal voltage reference
- Comparator outputs can be output signals
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
Special Microcontroller Features:
• In-Circuit Serial Programming (ICSP™) (via two
pins)
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
Device
Program
Memory
RAM
Data
Memory
EEPROM
Data
Memory
PIC16CE623
512x14
96x8
128x8
PIC16CE624
1Kx14
96x8
128x8
PIC16CE625
2Kx14
128x8
128x8
Pin Diagrams
Special Microcontroller Features (cont’d)
• 1,000,000 erase/write cycle EEPROM data mem-
ory
• EEPROM data retention > 40 years
• Programmable code protection
• Power saving SLEEP mode
• Selectable oscillator options
• Four user programmable ID locations
CMOS Technology:
• Low-power, high-speed CMOS EPROM/EEPROM
technology
• Fully static design
• Wide operating voltage range
- 3.0V to 5.5V
• Commercial, industrial and extended tempera-
ture range
• Low power consumption
- < 2.0 mA @ 5.0V, 4.0 MHz
- 15
µA typical @ 3.0V, 32 kHz
- < 1.0
µA typical standby current @ 3.0V
RA1/AN1
RA0/AN0
OSC2/CLKOUT
VDD
RB7
RB6
RB5
RB4
OSC1/CLKIN
RA2/AN2/VREF
RA3/AN3
MCLR
VSS
RB0/INT
RB1
RB2
RB3
RA4/T0CKI
RA1/AN1
RA0/AN0
OSC2/CLKOUT
VDD
RB7
RB6
RB5
RB4
OSC1/CLKIN
RA2/AN2/VREF
RA3/AN3
MCLR
VSS
VSS
RB0/INT
RB1
RB2
RA4/T0CKI
RB3
RB3
VDD
PDIP, SOIC, Windowed CERDIP
SSOP
2
3
4
5
6
7
8
9
10
•1
2
3
4
5
6
7
8
9
•1
19
18
16
15
14
13
12
11
17
18
17
15
14
13
12
11
10
16
20
OTP 8-Bit CMOS MCU with EEPROM Data Memory
PIC16CE62X
62X.bk Page 1 Tuesday, March 10, 1998 3:40 PM


Similar Part No. - PIC16CE623

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16CE623 MICROCHIP-PIC16CE623 Datasheet
1Mb / 114P
OTP 8-Bit CMOS MCU with EEPROM Data Memory
11/29/12 1998-2013
More results

Similar Description - PIC16CE623

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
8-Bit CMOS OTP Microcontrollers with 16k Memory,
logo
STMicroelectronics
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.0
logo
Microchip Technology
PIC12CE518 MICROCHIP-PIC12CE518 Datasheet
1Mb / 88P
8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
1997
logo
STMicroelectronics
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
May-2007
logo
Holtek Semiconductor In...
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
Remote Type 8-bit OTP MCU with EEPROM
logo
Microchip Technology
PIC16C432 MICROCHIP-PIC16C432 Datasheet
1Mb / 106P
OTP 8-Bit CMOS MCU with LIN Transceiver
2002
PIC16C432 MICROCHIP-PIC16C432_13 Datasheet
1Mb / 106P
OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
PIC16CE62X MICROCHIP-PIC16CE62X_13 Datasheet
1Mb / 114P
OTP 8-Bit CMOS MCU with EEPROM Data Memory
11/29/12 1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com