Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16CE623 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16CE623
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE623 Datasheet(HTML) 4 Page - Microchip Technology

  PIC16CE623 Datasheet HTML 1Page - Microchip Technology PIC16CE623 Datasheet HTML 2Page - Microchip Technology PIC16CE623 Datasheet HTML 3Page - Microchip Technology PIC16CE623 Datasheet HTML 4Page - Microchip Technology PIC16CE623 Datasheet HTML 5Page - Microchip Technology PIC16CE623 Datasheet HTML 6Page - Microchip Technology PIC16CE623 Datasheet HTML 7Page - Microchip Technology PIC16CE623 Datasheet HTML 8Page - Microchip Technology PIC16CE623 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
PIC16CE62X
DS40182A-page 4
Preliminary
© 1998 Microchip Technology Inc.
TABLE 1-1:
PIC16CE62X FAMILY OF DEVICES
PIC16CE623
PIC16CE624
PIC16CE625
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
Memory
EPROM Program
Memory
(x14 words)
512
1K
2K
Data Memory (bytes)
96
96
128
Peripherals
EEPROM Data Memory (bytes)
128
128
128
Timer Module(s)
TMR0
TMR0
TMR0
Comparators(s)
2
2
2
Internal Reference
Voltage
Yes
Yes
Yes
Features
Interrupt Sources
4
4
4
I/O Pins
13
13
13
Voltage Range (Volts)
3.0-5.5
3.0-5.5
3.0-5.5
Brown-out Reset
Yes
Yes
Yes
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PICmicro™ Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current
capability. All PIC16CE62X Family devices use serial programming with clock pin RB6 and data pin RB7.
62X.bk Page 4 Tuesday, March 10, 1998 3:40 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com