Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C72-10/P Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC16C72-10/P
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72-10/P Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC16C72-10/P Datasheet HTML 43Page - Microchip Technology PIC16C72-10/P Datasheet HTML 44Page - Microchip Technology PIC16C72-10/P Datasheet HTML 45Page - Microchip Technology PIC16C72-10/P Datasheet HTML 46Page - Microchip Technology PIC16C72-10/P Datasheet HTML 47Page - Microchip Technology PIC16C72-10/P Datasheet HTML 48Page - Microchip Technology PIC16C72-10/P Datasheet HTML 49Page - Microchip Technology PIC16C72-10/P Datasheet HTML 50Page - Microchip Technology PIC16C72-10/P Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 288 page
background image
© 1997 Microchip Technology Inc.
DS30390E-page 47
PIC16C7X
TABLE 5-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
06h, 106h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
86h, 186h
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
81h, 181h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: x = unknown, u = unchanged. Shaded cells are not used by PORTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com