Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C72-10/P Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC16C72-10/P
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72-10/P Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC16C72-10/P Datasheet HTML 72Page - Microchip Technology PIC16C72-10/P Datasheet HTML 73Page - Microchip Technology PIC16C72-10/P Datasheet HTML 74Page - Microchip Technology PIC16C72-10/P Datasheet HTML 75Page - Microchip Technology PIC16C72-10/P Datasheet HTML 76Page - Microchip Technology PIC16C72-10/P Datasheet HTML 77Page - Microchip Technology PIC16C72-10/P Datasheet HTML 78Page - Microchip Technology PIC16C72-10/P Datasheet HTML 79Page - Microchip Technology PIC16C72-10/P Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 288 page
background image
PIC16C7X
DS30390E-page 76
© 1997 Microchip Technology Inc.
TABLE 10-5:
REGISTERS ASSOCIATED WITH PWM AND TIMER2
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
resets
0Bh,8Bh,
10Bh,18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x 0000 000u
0Ch
PIR1
PSPIF(1,2)
ADIF
RCIF(2)
TXIF(2)
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000 0000 0000
0Dh(2)
PIR2
—
—
—
—
—
—
—
CCP2IF
---- ---0 ---- ---0
8Ch
PIE1
PSPIE(1,2)
ADIE
RCIE(2)
TXIE(2)
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000 0000 0000
8Dh(2)
PIE2
—
—
—
—
—
—
—
CCP2IE
---- ---0 ---- ---0
87h
TRISC
PORTC Data Direction Register
1111 1111 1111 1111
11h
TMR2
Timer2 module’s register
0000 0000 0000 0000
92h
PR2
Timer2 module’s period register
1111 1111 1111 1111
12h
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000
15h
CCPR1L
Capture/Compare/PWM register1 (LSB)
xxxx xxxx uuuu uuuu
16h
CCPR1H
Capture/Compare/PWM register1 (MSB)
xxxx xxxx uuuu uuuu
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3 CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000
1Bh(2)
CCPR2L
Capture/Compare/PWM register2 (LSB)
xxxx xxxx uuuu uuuu
1Ch(2)
CCPR2H
Capture/Compare/PWM register2 (MSB)
xxxx xxxx uuuu uuuu
1Dh(2)
CCP2CON
—
—
CCP2X
CCP2Y
CCP2M3 CCP2M2 CCP2M1 CCP2M0 --00 0000 --00 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used by PWM and Timer2.
Note 1:
Bits PSPIE and PSPIF are reserved on the PIC16C73/73A/76, always maintain these bits clear.
2:
The PIC16C72 does not have a Parallel Slave Port, USART or CCP2 module, these bits are unimplemented, read as '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com