Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C72-10/P Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16C72-10/P
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72-10/P Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16C72-10/P Datasheet HTML 2Page - Microchip Technology PIC16C72-10/P Datasheet HTML 3Page - Microchip Technology PIC16C72-10/P Datasheet HTML 4Page - Microchip Technology PIC16C72-10/P Datasheet HTML 5Page - Microchip Technology PIC16C72-10/P Datasheet HTML 6Page - Microchip Technology PIC16C72-10/P Datasheet HTML 7Page - Microchip Technology PIC16C72-10/P Datasheet HTML 8Page - Microchip Technology PIC16C72-10/P Datasheet HTML 9Page - Microchip Technology PIC16C72-10/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 288 page
background image
PIC16C7X
DS30390E-page 6
© 1997 Microchip Technology Inc.
TABLE 1-1:
PIC16C7XX FAMILY OF DEVCES
PIC16C710
PIC16C71
PIC16C711
PIC16C715
PIC16C72
PIC16CR72(1)
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
20
Memory
EPROM Program Memory
(x14 words)
512
1K
1K
2K
2K
—
ROM Program Memory
(14K words)
——
———
2K
Data Memory (bytes)
36
36
68
128
128
128
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
Capture/Compare/
PWM Module(s)
——
——1
1
Serial Port(s)
(SPI/I2C, USART)
—
—
—
—
SPI/I2C
SPI/I2C
Parallel Slave Port
—
—
—
—
—
—
A/D Converter (8-bit) Channels 4
4
4
4
5
5
Features
Interrupt Sources
4
4
4
4
8
8
I/O Pins
13
13
13
13
22
22
Voltage Range (Volts)
3.0-6.0
3.0-6.0
3.0-6.0
3.0-5.5
2.5-6.0
3.0-5.5
In-Circuit Serial Programming
Yes
Yes
Yes
Yes
Yes
Yes
Brown-out Reset
Yes
—
Yes
Yes
Yes
Yes
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
28-pin SDIP,
SOIC, SSOP
28-pin SDIP,
SOIC, SSOP
PIC16C73A
PIC16C74A
PIC16C76
PIC16C77
Clock
Maximum Frequency of Oper-
ation (MHz)
20
20
20
20
Memory
EPROM Program Memory
(x14 words)
4K
4K
8K
8K
Data Memory (bytes)
192
192
368
368
Peripherals
Timer Module(s)
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
TMR0,
TMR1,
TMR2
Capture/Compare/PWM Mod-
ule(s)
2222
Serial Port(s) (SPI/I2C, US-
ART)
SPI/I2C, USART
SPI/I2C, USART
SPI/I2C, USART
SPI/I2C, USART
Parallel Slave Port
—
Yes
—
Yes
A/D Converter (8-bit) Channels 5858
Features
Interrupt Sources
11
12
11
12
I/O Pins
22
33
22
33
Voltage Range (Volts)
2.5-6.0
2.5-6.0
2.5-6.0
2.5-6.0
In-Circuit Serial Programming
Yes
Yes
Yes
Yes
Brown-out Reset
Yes
Yes
Yes
Yes
Packages
28-pin SDIP,
SOIC
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
28-pin SDIP,
SOIC
40-pin DIP;
44-pin PLCC,
MQFP, TQFP
All PIC16/17 Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current capabil-
ity. All PIC16C7XX Family devices use serial programming with clock pin RB6 and data pin RB7.
Note
1: Please contact your local Microchip sales office for availability of these devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com