Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F010 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 87Page - Microchip Technology PIC18F010 Datasheet HTML 88Page - Microchip Technology PIC18F010 Datasheet HTML 89Page - Microchip Technology PIC18F010 Datasheet HTML 90Page - Microchip Technology PIC18F010 Datasheet HTML 91Page - Microchip Technology PIC18F010 Datasheet HTML 92Page - Microchip Technology PIC18F010 Datasheet HTML 93Page - Microchip Technology PIC18F010 Datasheet HTML 94Page - Microchip Technology PIC18F010 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 89
PIC18F010/020
12.2.2
WDT POSTSCALER
The WDT has a postscaler that can extend the WDT
Reset period. The postscaler is selected at the time of
the device programming, by the value written to the
CONFIG2H configuration register. An extended WDT
is also available, multiplying the standard settings by
16.
The standard settings are also available in software
when not setup in the CONFIG2H configuration. The
WDTCON register allows enabling the WDT and set-
ting the standard postscaler options.
FIGURE 12-1:
WATCHDOG TIMER BLOCK DIAGRAM
TABLE 12-2:
SUMMARY OF WATCHDOG TIMER REGISTERS
Note:
The WDTCON register must be unlocked
before
it
can
be
modified
(see
Section 12.4.1).
Postscaler
WDT Timer
WDTEN
8 - to - 1 MUX
WDTPS2:WDTPS0
WDT
Time-out
8
SWDTEN bit
Note: WDPS2:WDPS0 are bits in a configuration register.
Configuration bit
÷ 16
WDTLE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CONFIG2H
reserved
—
STVRE
WDTLE
WDTPS2
WDTPS2
WDTPS0
WDTEN
RCON
IPEN
—
—
RI
TO
PD
POR
BOR
WDTCON
—
—
—
—
—
—
—
SWDTEN
Legend: Shaded cells are not used by the Watchdog Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com