Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F010 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 9Page - Microchip Technology PIC18F010 Datasheet HTML 10Page - Microchip Technology PIC18F010 Datasheet HTML 11Page - Microchip Technology PIC18F010 Datasheet HTML 12Page - Microchip Technology PIC18F010 Datasheet HTML 13Page - Microchip Technology PIC18F010 Datasheet HTML 14Page - Microchip Technology PIC18F010 Datasheet HTML 15Page - Microchip Technology PIC18F010 Datasheet HTML 16Page - Microchip Technology PIC18F010 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 11
PIC18F010/020
2.6.1
OSCILLATOR TRANSITIONS
The PIC18F010/020 devices contain circuitry to pre-
vent "glitches" when switching between oscillator
sources. Essentially, the circuitry waits for eight rising
edges of the clock source that the processor is switch-
ing to. This ensures that the new clock source is stable
and that its pulse width will not be less than the shortest
pulse width of the two clock sources.
A timing diagram, indicating the transition from the inter-
nal oscillator to the external crystal is shown in Figure 2-6.
The internal oscillator is assumed to be running all the
time. After the OST bit is set, the processor is frozen at
the next occurring Q1 cycle. After eight synchronization
cycles are counted from the external oscillator, opera-
tion resumes. No additional delays are required after
the synchronization cycles.
FIGURE 2-6:
TIMING DIAGRAM FOR TRANSITION FROM EXTERNAL OSCILLATOR TO
INTERNAL OSCILLATOR
FIGURE 2-7:
TIMING FOR TRANSITION BETWEEN INTERNAL OSCILLATOR AND OSC1 (EC)
Q3
Q2
Q1
Q4
Q3
Q2
OSC1
Internal
OSTO
(OSCCON<0>)
Program
PC + 2
PC
Note 1: Delay on internal system clock is eight oscillator cycles for synchronization.
INTOSC
Q4
Q1
PC + 4
Q1
Clock
Counter
System
Q2
Q3
Q4
Q1
TOSC
2
1
3
4
5678
Q3
Q4
Q1
Q1 Q2
Q3
Q4 Q1
Q2
Q3
OSC1
Internal System
SCS
(OSCCON<0>)
Program Counter
PC
PC + 2
Note 1:
Internal oscillator mode assumed.
PC + 4
INTOSC
Clock
OSC2
Q4
TOSC
1
23
45
6
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com