Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS152-IS Datasheet(PDF) 3 Page - Microchip Technology

Part # SCS152-IS
Description  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152-IS Datasheet(HTML) 3 Page - Microchip Technology

  SCS152-IS Datasheet HTML 1Page - Microchip Technology SCS152-IS Datasheet HTML 2Page - Microchip Technology SCS152-IS Datasheet HTML 3Page - Microchip Technology SCS152-IS Datasheet HTML 4Page - Microchip Technology SCS152-IS Datasheet HTML 5Page - Microchip Technology SCS152-IS Datasheet HTML 6Page - Microchip Technology SCS152-IS Datasheet HTML 7Page - Microchip Technology SCS152-IS Datasheet HTML 8Page - Microchip Technology SCS152-IS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SCS152
© 1997 Microchip Technology Inc.
Preliminary
DS40150B-page 3
2.4
Digit Fields
2.4.1
DIGIT FIELD VALUE
Each digit field, D4 to D0, represents a number equal to
the number of ‘1’ bits in the field. Table 2-2 shows the
value of the digit field for each legal digit value.
TABLE 2-2:
DIGIT FIELD VALUES
2.4.2
TOKEN COUNTER VALUE
The following formula shows how the digit fields combine to form the token counter value:
This is, in fact, an octal representation of a value and can be written as:
Suppose the 5-digit field contain the values: (D4=3), (D3=0), (D2=7), (D1=1), (D0=3). The token counter value is then
307138 in octal or in decimal:
A digit needs to be set to eight to handle the borrow from the next higher stage. This also implies that each counter value
does not have a unique representation. For example, 005008 = 5 x 64 = 32010 or 004808 or 004788.
Digit Value
Field Value
0
0000 0000
1
1000 0000
2
1100 0000
3
1110 0000
4
1111 0000
5
1111 1000
6
1111 1100
7
1111 1110
8
1111 1111
Note:
The bits are shown, right to left, in the order
in which they are read out.
Note:
The value digit D4 is shown in the formulas as |D4| indicating the number of 1 bits in the digit D4 field.
Similarly |D3| indicates the number of 1 bits in the digit D3 field, and so on.
Tokens
D4
4096
D3
512
D2
64
D1
8
D0
+
×
+
×
+
×
+
×
=
Tokens
D4
8
4
D3
8
3
D2
8
2
D1
8
1
D0
8
0
×
+
×
+
×
+
×
+
×
=
Tokens
3
4096
0
512
7
64
1
8
3
+
×
+
×
+
×
+
×
12747
10
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com