Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS152-IS Datasheet(PDF) 5 Page - Microchip Technology

Part # SCS152-IS
Description  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152-IS Datasheet(HTML) 5 Page - Microchip Technology

  SCS152-IS Datasheet HTML 1Page - Microchip Technology SCS152-IS Datasheet HTML 2Page - Microchip Technology SCS152-IS Datasheet HTML 3Page - Microchip Technology SCS152-IS Datasheet HTML 4Page - Microchip Technology SCS152-IS Datasheet HTML 5Page - Microchip Technology SCS152-IS Datasheet HTML 6Page - Microchip Technology SCS152-IS Datasheet HTML 7Page - Microchip Technology SCS152-IS Datasheet HTML 8Page - Microchip Technology SCS152-IS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SCS152
© 1997 Microchip Technology Inc.
Preliminary
DS40150B-page 5
3.1
Access Conditions
The condition codes are:
Note 1: If the access condition does not allow a command that modifies the EEPROM (i.e., BITPROG, ERASE or
DECR-ERASE), it will be converted into a RDBIT command.
2: The commands that can potentially change the EEPROM (even if it is converted into a RDBIT command) do
not increment the I/O address counter.
3: Any command that modifies the EEPROM checks the internal high voltage sensor during the programming
and goes into the standby state if the sensor indicates the internal high voltage was not high enough. Power
must be removed to clear this condition.
4: If the device is not in issuer mode and not in user mode, only BITPROG access is allowed to the CFG field.
TABLE 3-2:
ACCESS CONDITIONS IN ISSUER MODE
Field
RDBIT
BITPROG
ERASE
Extended Commands
CID
Y
F and TC
N
test modes
SER
Y
TC
N
BITPROG
O4…O1
Y
TC and Z
TC and B
DECR-ERASE: TC and Z
O0
Y
TC and Z
N
N
CFG
Y
TC
N
test modes
USER0
Y
Y
Y
BITPROG
UKEY0
‘1’
TC
TC
BITPROG
test modes
SIGN: Y
TABLE 3-3:
ACCESS CONDITIONS IN USER MODE
Field
RDBIT
BITPROG
ERASE
Extended Commands
CID
Y
N
N
test modes
SER
Y
N
N
BITPROG
O4…O1
Y
Z
B
DECR-ERASE: Z
O0
Y
Z
N
N
CFG
Y
Y
N
test modes
USER0
Y
L
L
BITPROG
UKEY0
‘1’
N
N
BITPROG
test modes
SIGN: Y
• Y
Command always allowed
• N
No access allowed and it is converted into a RDBIT command
• TC
Transport code must be submitted before the operation is allowed
• ‘1’
Output always logic high in this field
• F
Command allowed if the fuse is not blown
• Z
The digit code is nonzero
• B
Command allowed if previous operation was BITPROG and was successfully
• L
Command allowed if LOCK0 bit in the CFG field is ‘1’
• BITPROG
The BITPROG condition is checked and executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com