Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS152-IS Datasheet(PDF) 10 Page - Microchip Technology

Part # SCS152-IS
Description  KEELOQ Token Card Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SCS152-IS Datasheet(HTML) 10 Page - Microchip Technology

Back Button SCS152-IS Datasheet HTML 6Page - Microchip Technology SCS152-IS Datasheet HTML 7Page - Microchip Technology SCS152-IS Datasheet HTML 8Page - Microchip Technology SCS152-IS Datasheet HTML 9Page - Microchip Technology SCS152-IS Datasheet HTML 10Page - Microchip Technology SCS152-IS Datasheet HTML 11Page - Microchip Technology SCS152-IS Datasheet HTML 12Page - Microchip Technology SCS152-IS Datasheet HTML 13Page - Microchip Technology SCS152-IS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SCS152
DS40150B-page 10
Preliminary
© 1997 Microchip Technology Inc.
4.0
SIGNATURE FUNCTION
The signature function combines a system-supplied
value with the contents of the memory map to form an
8-bit value. Because UKEY0 is not known and the way
in which these values are combined, it is very difficult to
duplicate.
The signature function can, therefore, be used for a
variety of security related functions, including user/card
authentication and protecting against communication
tampering.
4.1
Signature Procedure
The following procedure controls the device to compute
a signature of the EEPROM contents:
1.
Issue a RESET command.
2.
Issue 259 RDBIT commands.
3.
Pulse SCI high twice.
4.
Issue 16 PUTBIT commands to enter the first 16
bits of the challenge.
5.
Issue 128 RDBIT commands.
Note: The bits read are the first 128 bits in the
EEPROM without any output mapping;
these bits must be used in checking the
result of the signature function.
6.
Issue 16 PUTBIT commands to enter the sec-
ond 16 bits of the challenge.
7.
Wait for the signature computation to complete.
8.
Issue 8 RDBIT command to read the result of
the signature computation.
9.
Updating the token counter.
4.2
Subtraction Procedure
The following procedure can be used to subtract a
number of tokens:
1.
Read the token counter value.
2.
Convert the token counter value into an octal for-
mat.
3.
Convert the number of tokens to subtract into an
octal format.
4.
Do the subtraction using ‘long subtraction’ mak-
ing note of the borrows.
Note: If the subtraction generated a borrow from
digit 4, the token counter is smaller than the
number subtracted.
5.
To update each digit in the order they are read
out (i.e., D4, then D3, then D2, etc.):
a)
Calculate by how much this digit must be
decremented. If,
during
subtraction,
a
borrow was generated from this digit to the
next higher digit, the decrement amount is
eight minus this digit’s final value, else it is
its initial value minus its final value.
b)
Read to the first ‘1’ bit in the field.
c)
If the following digit generated a borrow from
this digit, issue a BITPROG command, fol-
lowed by an ERASE command. (See
Section 5.1 on fail safe counter updating.)
d)
Decrement this digit as many times as cal-
culated in Step 5a, taking into account that
Step 5c may already have decremented this
digit. Each decrement is done by reading
the next bit in the field and issuing
a BITPROG command.
EXAMPLE 4-1:
SUBTRACT EXAMPLE
Suppose the token counter contains 307138, and 2010
(248) tokens must be deducted from the counter. Using
‘long subtraction’ to do the calculation the result is
306778.
Note the borrows from digits D2 and D1.
Digits 4 and 3 do not change. The sequence of com-
mands to update digit 2 is: read the second bit in the
field to field D2, BITPROG, and ERASE. The ERASE
command is required because of the borrow.
Updating digit ‘1’ requires the following sequence of
commands: read the first bit to field D1, BITPROG,
ERASE, RDBIT, and BITPROG. Once again, the
ERASE command is required because of the borrow.
Updating digit ‘0’ requires the sequence of commands:
read the first bit to field D0 and BITPROG.
EXAMPLE 4-2:
DECREMENTING 320:
Updating this token counter goes through the following
values: 004008, after the first BITPROG; 004808, after
the ERASE; 004708,after BITPROG; 004788,after the
ERASE; 004778, after the final BITPROG.
Note:
The final BITPROG actually decrements
the value.
30713
8
00024
8
30667
8
-----------------
00500
8
00001
8
00477
8
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com