Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1041 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1041
Description  Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1041 Datasheet(HTML) 4 Page - Microchip Technology

  TC1041 Datasheet HTML 1Page - Microchip Technology TC1041 Datasheet HTML 2Page - Microchip Technology TC1041 Datasheet HTML 3Page - Microchip Technology TC1041 Datasheet HTML 4Page - Microchip Technology TC1041 Datasheet HTML 5Page - Microchip Technology TC1041 Datasheet HTML 6Page - Microchip Technology TC1041 Datasheet HTML 7Page - Microchip Technology TC1041 Datasheet HTML 8Page - Microchip Technology TC1041 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1041
DS21346B-page 4
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1041 is one of a series of very low power, linear
building block products targeted at low voltage
operation. The TC1041 contains two comparators and
a voltage reference and operates at a minimum supply
voltage of 1.8V with a typical current consumption of
10
µA.
Both
comparators
have
programmable
hysteresis.
3.1
Comparator
The TC1041 contains two comparators with program-
mable
hysteresis.
The
inverting
inputs
of
the
comparators are connected to the output of the voltage
reference, while the range of the non-inverting inputs
extend beyond both supply voltages by 200mV. The
comparator outputs will swing to within several
millivolts of the supplies depending on the load current
being driven.
The comparators exhibit a propagation delay and
supply current which are largely independent of supply
voltage. The low input bias current and offset voltage
make them suitable for high impedance precision
applications.
3.2
Voltage Reference
A 2.0 percent tolerance, internally biased, 1.20V band-
gap voltage reference is included in the TC1041. It has
a push-pull output capable of sourcing and sinking at
least 50
µA.
3.3
Programmable Hysteresis
Hysteresis is added to the comparators by connecting
a resistor, R1, between the VREF and HYST pins and
another resistor, R2, between the HYST pin and VSS.
For no hysteresis, VREF should be directly connected to
HYST. The hysteresis, VHB, is equal to twice the
voltage difference between the VREF and HYST pins
where:
and is symmetrical around the normal (without
hysterersis)
threshold
of
the
comparator.
The
maximum voltage allowed between the VREF and HYST
pins is 80mV, giving a maximum hysteresis of 160mV.
FIGURE 3-1:
TC1041 PROGRAMMABLE HYSTERESIS
VHB =2VREF R1/(R1 + R2) (See Figure 3-1)
VREF
HYST
VSS
TC1041
6
5
1
R1
R2
IREF
R1 =
VHB
(2) (IREF)
R2 =
IREF
(1.2V –
)
VHB
2
Note: Size R1 and R2 such that IREF ≤ 50µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com