Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1041 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1041
Description  Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1041 Datasheet(HTML) 1 Page - Microchip Technology

  TC1041 Datasheet HTML 1Page - Microchip Technology TC1041 Datasheet HTML 2Page - Microchip Technology TC1041 Datasheet HTML 3Page - Microchip Technology TC1041 Datasheet HTML 4Page - Microchip Technology TC1041 Datasheet HTML 5Page - Microchip Technology TC1041 Datasheet HTML 6Page - Microchip Technology TC1041 Datasheet HTML 7Page - Microchip Technology TC1041 Datasheet HTML 8Page - Microchip Technology TC1041 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21346B-page 1
Features
• Combines Two Comparators and a Voltage
Reference in a Single Package
• Optimized for Single Supply Operation
• Available in Two Small Packages: 8-Pin SOIC or
8-Pin MSOP
• Ultra Low Input Bias Current: Less than 100pA
• Low Quiescent Current, Operating: 10
µA(Typ.)
• Rail-to-Rail Inputs and Outputs
•Operates Down to VDD =1.8V
• Programmable Hysteresis
Applications
• Power Supply Circuits
• Battery Operated Equipment
• Consumer Products
• Replacements for Discrete Components
Device Selection Table
Package Types
General Description
The TC1041 is a mixed-function device combining two
comparators and a voltage reference in a single 8-pin
package. The inverting inputs of both comparators are
internally connected to the reference.
This increased integration allows the user to replace
two packages, which saves space, lowers supply
current and increases system performance. The
TC1041 operates from two 1.5V alkaline cells down to
VDD = 1.8V. It requires only 10µA typical supply current
which significantly extends battery life. The TC1041
provides a simple method for adding user-adjustable
hysteresis without feedback or complex external
circuitry. Hysteresis is adjusted with a simple resistor
divider on the HYST pin.
Rail-to-rail inputs and outputs allow operation from low
supply voltages with large input and output signal
swings.
Packaged in an 8-Pin SOIC or 8-Pin MSOP, the
TC1041 is ideal for applications requiring low power
and small packages.
Functional Block Diagram
Part Number
Package
Temperature
Range
TC1041CEOA
8-Pin SOIC
-40°C to +85°C
TC1041CEUA
8-Pin MSOP
-40°C to +85°C
INB-
REF
1
2
3
4
8
7
6
5
TC1041CEOA
TC1041CEUA
8-Pin SOIC
8-Pin MSOP
OUTB
VDD
INA+
VSS
OUTA
HYST
TC1041
OUTB
VDD
REF
HYST
INB+
INA+
VSS
OUTA
B
A
Voltage
Reference
VSS
1
2
3
4
5
6
7
8
TC1041
Linear Building Block – Dual Low Power Comparator and
Voltage Reference with Programmable Hysteresis


Similar Part No. - TC1041

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1040CEUA MICROCHIP-TC1040CEUA Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1043CEQR MICROCHIP-TC1043CEQR Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
logo
TelCom Semiconductor, I...
TC1044 TELCOM-TC1044 Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
More results

Similar Description - TC1041

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1027 TELCOM-TC1027 Datasheet
28Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com