Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1041 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1041
Description  Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1041 Datasheet(HTML) 5 Page - Microchip Technology

  TC1041 Datasheet HTML 1Page - Microchip Technology TC1041 Datasheet HTML 2Page - Microchip Technology TC1041 Datasheet HTML 3Page - Microchip Technology TC1041 Datasheet HTML 4Page - Microchip Technology TC1041 Datasheet HTML 5Page - Microchip Technology TC1041 Datasheet HTML 6Page - Microchip Technology TC1041 Datasheet HTML 7Page - Microchip Technology TC1041 Datasheet HTML 8Page - Microchip Technology TC1041 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21346B-page 5
TC1041
4.0
TYPICAL APPLICATIONS
The TC1041 lends itself to a wide variety of
applications, particularly in battery powered systems. It
typically finds application in power management,
processor supervisory and interface circuitry.
4.1
Precision Battery Monitor
Figure 4-1 is a precision battery low/battery dead
monitoring circuit. Typically, the battery low output
warns the user that a battery dead condition is
imminent. Battery dead typically initiates a forced
shutdown to prevent operation at low internal supply
voltages (which can cause unstable system operation).
The circuit in Figure 4-1 uses a TC1034, a TC1041 and
only six external resistors. AMP 1 is a simple buffer
while CMPTR1 and CMPTR2 provide precision voltage
detection using VREF as a reference. Resistors R2 and
R4 set the detection threshold for BATT LOW while
Resistors R1 and R3 set the detection threshold for
BATT FAIL. The component values shown assert
BATT LOW at 2.2V (typical) and BATT FAIL at 2.0V
(typical). Total current consumed by this circuit is
typically 16
µA at 3V. Resistors R5 and R6 provide
hysteresis of 116mV for both comparators.
FIGURE 4-1:
PRECISION BATTERY MONITOR
VDD
VDD
VDD
R2, 430k, 1%
R4, 470k, 1%
R3, 470k, 1%
R1, 300k, 1%
VREF
To System DC/DC
Converter
3V
Alkaline
TC1041
BATTFAIL
BATTLOW
CMPTR1
+
–
CMPTR2
+
–
AMP1
+
–
+
TC1034
TC1041
TC1041
HYST
51k
R6
R5
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com