Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3875-ADJ Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP3875-ADJ
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3875-ADJ Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3875-ADJ Datasheet HTML 12Page - Texas Instruments LP3875-ADJ Datasheet HTML 13Page - Texas Instruments LP3875-ADJ Datasheet HTML 14Page - Texas Instruments LP3875-ADJ Datasheet HTML 15Page - Texas Instruments LP3875-ADJ Datasheet HTML 16Page - Texas Instruments LP3875-ADJ Datasheet HTML 17Page - Texas Instruments LP3875-ADJ Datasheet HTML 18Page - Texas Instruments LP3875-ADJ Datasheet HTML 19Page - Texas Instruments LP3875-ADJ Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP3875EMP-ADJ/NOPB SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3875EMPX-ADJ/NOPB SOT-223
NDC
5
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3875ESX-ADJ/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com