Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3875-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3875-ADJ
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3875-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LP3875-ADJ Datasheet HTML 1Page - Texas Instruments LP3875-ADJ Datasheet HTML 2Page - Texas Instruments LP3875-ADJ Datasheet HTML 3Page - Texas Instruments LP3875-ADJ Datasheet HTML 4Page - Texas Instruments LP3875-ADJ Datasheet HTML 5Page - Texas Instruments LP3875-ADJ Datasheet HTML 6Page - Texas Instruments LP3875-ADJ Datasheet HTML 7Page - Texas Instruments LP3875-ADJ Datasheet HTML 8Page - Texas Instruments LP3875-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LP3875-ADJ
www.ti.com
SNVS247D – SEPTEMBER 2003 – REVISED APRIL 2013
BLOCK DIAGRAM
Figure 4. LP3875-ADJ
ABSOLUTE MAXIMUM RATINGS
(1)
If Military/Aerospace specified devices are required, contact the Texas Instruments Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 5 sec.)
260°C
ESD Rating (2)
2 kV
Power Dissipation (3)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +7.5V
Shutdown Input Voltage (Survival)
−0.3V to +7.5V
Output Voltage (Survival), (4), (5)
−0.3V to +6.0V
IOUT (Survival)
Short Circuit Protected
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for which
the device is intended to be functional, but does not specity performance limits. For specifications and test conditions, see Electrical
Characteristics. The specifications apply only for the test conditions listed. Some performance characteristics may degrade when the
device is not operated under the listed test conditions.
(2)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
(3)
At elevated temperatures, devices must be derated based on package thermal resistance. The devices in TO-220 package must be
derated at
θjA = 50°C/W (with 0.5in
2, 1oz. copper area), junction-to-ambient (with no heat sink). The devices in the DDPAK/TO-263
surface-mount package must be derated at
θjA = 60°C/W (with 0.5in
2, 1oz. copper area), junction-to-ambient. The SOT-223 package
must be derated at
θjA = 90°C/W (with 0.5in
2, 1oz. copper area), junction-to-ambient.
(4)
If used in a dual-supply system where the regulator load is returned to a negative supply, the output must be diode-clamped to ground.
(5)
The output PMOS structure contains a diode between the VIN and VOUT terminals. This diode is normally reverse biased. This diode will
get forward biased if the voltage at the output terminal is forced to be higher than the voltage at the input terminal. This diode can
typically withstand 200mA of DC current and 1Amp of peak current.
RECOMMENDED OPERATING CONDITIONS
Input Supply Voltage (Operating), (1)
2.5V to 7.0V
Shutdown Input Voltage (Operating)
−0.3V to 7.0V
Maximum Operating Current (DC)
1.5A
Operating Junction Temperature Range
−40°C to +125°C
(1)
The minimum operating value for VIN is equal to either [VOUT(NOM) + VDROPOUT] or 2.5V, whichever is greater.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3875-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com