Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3875-ADJ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3875-ADJ
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3875-ADJ Datasheet(HTML) 2 Page - Texas Instruments

  LP3875-ADJ Datasheet HTML 1Page - Texas Instruments LP3875-ADJ Datasheet HTML 2Page - Texas Instruments LP3875-ADJ Datasheet HTML 3Page - Texas Instruments LP3875-ADJ Datasheet HTML 4Page - Texas Instruments LP3875-ADJ Datasheet HTML 5Page - Texas Instruments LP3875-ADJ Datasheet HTML 6Page - Texas Instruments LP3875-ADJ Datasheet HTML 7Page - Texas Instruments LP3875-ADJ Datasheet HTML 8Page - Texas Instruments LP3875-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1
2
3
4
5
SD
VIN
VOUT
ADJ
GND
LP3875-ADJ
SNVS247D – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
Figure 1. TO-220-5 Package (Top View)
Figure 2. DDPAK/TO-263-5 Package (Top View)
Bent, Staggered Leads
Figure 3. SOT-223-5 Package (Top View)
Table 1. PIN DESCRIPTION for TO-220-5 and DDPAK/TO-263-5 Packages
LP3875-ADJ
Pin #
Name
Function
1
SD
Shutdown
2
VIN
Input Supply
3
GND
Ground
4
VOUT
Output Voltage
5
ADJ
Set Output Voltage
Table 2. PIN DESCRIPTION for SOT-223-5 Package
LP3875-ADJ
Pin #
Name
Function
1
SD
Shutdown
2
VIN
Input Supply
3
VOUT
Output Voltage
4
ADJ
Set Output Voltage
5
GND
Ground
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3875-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com