Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1047 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1047
Description  Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1047 Datasheet(HTML) 4 Page - Microchip Technology

  TC1047 Datasheet HTML 1Page - Microchip Technology TC1047 Datasheet HTML 2Page - Microchip Technology TC1047 Datasheet HTML 3Page - Microchip Technology TC1047 Datasheet HTML 4Page - Microchip Technology TC1047 Datasheet HTML 5Page - Microchip Technology TC1047 Datasheet HTML 6Page - Microchip Technology TC1047 Datasheet HTML 7Page - Microchip Technology TC1047 Datasheet HTML 8Page - Microchip Technology TC1047 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC1047/TC1047A
DS21498B-page 4
© 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1047 and TC1047A have an output voltage that
varies linearly with temperature in degrees Celsius.
Figure 3-1 shows a plot of the output voltage versus
temperature for the TC1047 and TC1047A. The
temperature slope is fixed at 10mV/°C, and the output
voltage at 0°C is 500mV.
FIGURE 3-1:
OUTPUT VOLTAGE VS. TEMPERATURE
1.75
1.7
1.5
1.3
1.1
0.9
0.7
0.5
0.3
0.1
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
125
VOUT = (10mV/˚C) CTemperature ˚C) + 500mV
TEMPERATURE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com