Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1047 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1047
Description  Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1047 Datasheet(HTML) 5 Page - Microchip Technology

  TC1047 Datasheet HTML 1Page - Microchip Technology TC1047 Datasheet HTML 2Page - Microchip Technology TC1047 Datasheet HTML 3Page - Microchip Technology TC1047 Datasheet HTML 4Page - Microchip Technology TC1047 Datasheet HTML 5Page - Microchip Technology TC1047 Datasheet HTML 6Page - Microchip Technology TC1047 Datasheet HTML 7Page - Microchip Technology TC1047 Datasheet HTML 8Page - Microchip Technology TC1047 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21498B-page 5
TC1047/TC1047A
4.0
TYPICAL CHARACTERISTICS
FIGURE 4-1:
TEMPERATURE ACCURACY VS. TEMPERATURE
FIGURE 4-2:
SUPPLY CURRENT VS. TEMPERATURE
Note:
The graphs provided following this note are a statistical summary based on a limited number of samples
and are provided for informational purposes only. The performance characteristics listed herein are not
tested or guaranteed. In some graphs, the data presented may be outside the specified operating range
(e.g., outside specified power supply range) and therefore outside the warranted range.
-3
-2
-1
0
1
2
3
TEMPERATURE (
°C)
VDD = 2.5V
VDD = 5.5V
-40
-25
-10
125
5
20
35
50
65
80
95
110
0
10
20
30
40
50
-40
-25
-10
125
TEMPERATURE (
°C)
VDD = 5.5V
VDD = 2.5V
5
20
35
50
65
80
95
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com