Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1047 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1047
Description  Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1047 Datasheet(HTML) 1 Page - Microchip Technology

  TC1047 Datasheet HTML 1Page - Microchip Technology TC1047 Datasheet HTML 2Page - Microchip Technology TC1047 Datasheet HTML 3Page - Microchip Technology TC1047 Datasheet HTML 4Page - Microchip Technology TC1047 Datasheet HTML 5Page - Microchip Technology TC1047 Datasheet HTML 6Page - Microchip Technology TC1047 Datasheet HTML 7Page - Microchip Technology TC1047 Datasheet HTML 8Page - Microchip Technology TC1047 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21498B-page 1
TC1047/TC1047A
Features
• Supply Voltage Range:
- TC1047: 2.7V to 4.4V
- TC1047A: 2.5V to 5.5V
• Wide Temperature Measurement Range:
-40oCto+125oC
• High Temperature Converter Accuracy:
±2oC, Max, at 25°C
• Linear Temperature Slope 10mV/°C (typ.)
• Available in 3-Pin SOT-23B Package
• Very Low Supply Current:
-35
µATypical
Applications
• Cellular Phones
• Power Supply Thermal Shutdown
• Temperature Controlled Fans
• Temperature Measurement/Instrumentation
• Temperature Regulators
• Consumer Electronics
• Portable Battery Powered Equipment
Device Selection Table
Package Type
General Description
The TC1047 and TC1047A are linear voltage output
temperature sensors whose output voltage is directly
proportional
to
the
measured
temperature.
The
TC1047 and
TC1047A
can
accurately
measure
temperature from -40°C to +125°C. With the TC1047,
the supply voltage can vary between 2.7V and 4.4V.
The power supply range of the TC1047A is from 2.5V
to 5.5V.
The output voltage range for these devices is typically
100mV at -40°C, 500mV at 0°C, 750mV at +25°C, and
1.75V at +125°C. A 10mV/°C voltage slope output
response
allows
for
a
predictable
temperature
measurement over a wide temperature range. The
TC1047 and TC1047A are packaged in 3-Pin SOT-23B
packages, making them ideal for space critical
applications.
Block Diagram
Part Number
Package
Temp. Range
TC1047VNB
3-Pin SOT-23B
-40°C to +125°C
TC1047AVNB
3-Pin SOT-23B
-40°C to +125°C
Note: * 3-Pin SOT-23B is equivalent to JEDEC TO-236
VOUT
VSS
VDD
3-Pin SOT-23B*
TC1047
12
3
TC1047A
TC1047A
VDD =2.5Vto5.5V
VDD
PICmicro
®
A/D
VSS
Microcontroller
Converter
Precision Temperature-to-Voltage Converter


Similar Part No. - TC1047

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1047 MICROCHIP-TC1047 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC1047 MICROCHIP-TC1047 Datasheet
140Kb / 12P
Precision Temperature-to-Voltage Converter
04/20/05
TC1047 MICROCHIP-TC1047 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC1047A MICROCHIP-TC1047A Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC1047A MICROCHIP-TC1047A Datasheet
140Kb / 12P
Precision Temperature-to-Voltage Converter
04/20/05
More results

Similar Description - TC1047

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT47 ONSEMI-NCT47 Datasheet
66Kb / 4P
High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Microchip Technology
TC1046 MICROCHIP-TC1046 Datasheet
405Kb / 10P
High Precision Temperature-to-Voltage Converter
2002
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
Precision Temperature-to-Voltage Converter
2006
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
Precision Temperature-to-Voltage Converter
04/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com