Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628-20/SS Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC16F628-20/SS
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628-20/SS Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC16F628-20/SS Datasheet HTML 140Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 141Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 142Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 143Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 144Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 145Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 146Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 147Page - Microchip Technology PIC16F628-20/SS Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 160 page
background image
PIC16F62X
DS40300B-page 144
Preliminary
© 1999 Microchip Technology Inc.
TABLE 17-8:
CAPTURE/COMPARE/PWM REQUIREMENTS
FIGURE 17-12: TIMER0 CLOCK TIMING
TABLE 17-9:
TIMER0 CLOCK REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
50*
TccL CCP
input low time
No Prescaler
0.5TCY + 20
——
ns
With Prescaler
16F62X
10
—
—
ns
16LF62X
20
—
—
ns
51*
TccH CCP
input high time
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
16F62X
10
—
—
ns
16LF62X
20
—
—
ns
52*
TccP CCP input period
3TCY + 40
N
—
—
ns
N = prescale
value (1,4 or
16)
53*
TccR CCP output rise time
16F62X
10
25
ns
16LF62X
25
45
ns
54*
TccF CCP output fall time
16F62X
10
25
ns
16LF62X
25
45
ns
* These parameters are characterized but not tested.
†Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Parameter
No.
Sym Characteristic
Min
Typ†
Max
Units
Conditions
40
Tt0H T0CKI High Pulse Width
No Prescaler
0.5 TCY + 20*
——
ns
With Prescaler
10*
—
—
ns
41
Tt0L
T0CKI Low Pulse Width
No Prescaler
0.5 TCY + 20*
—
—
ns
With Prescaler
10*
—
—
ns
42
Tt0P T0CKI Period
TCY + 40*
N
—
—
ns
N = prescale value
(1, 2, 4, ..., 256)
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
41
42
40
RA4/T0CKI
TMR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com