Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF68 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF68 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RF68 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Page 3
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
RF68
1. Circuit Description
1.1. General Description
The RF68 is a fully-integrated multi-band, single chip transmitter IC capable of FSK and OOK modulation of an input
data stream.
It contains a frequency synthesizer which is a fractional-N sigma-delta PLL. For frequency modulation (FSK), the
modulation is made inside the PLL bandwidth. For amplitude modulation (OOK), the modulation is performed by turning on
and off the output PA.
The frequency reference used by the PLL is generated by a 22, 24 or 26 MHz crystal oscillator, depending on the
frequency band of interest.
The Power Amplifier (PA), connected to the RFOUT pin, can deliver 0 dBm or +10 dBm in a 50
Ω load. Each of these two
output powers need a specific matching network when efficiency needs to be optimized.
The circuit can be configured via a simplified TWI interface, constituted of pin CTRL and DATA. The pins of this interface
are also used to transmit the modulating data to the chip.
Another key feature of the RF68 is its low current consumption in Transmit and Sleep modes and its wide voltage
operating range from 1.8 V to 3.7 V. This makes the RF68 suitable for low-cost battery chemistries or energy harvesting
applications.
1.2. Block Diagram
The figure below shows the simplified block diagram of the RF68 die mounted in a DFN8 package.
Figure 1. RF68 Simplified Block Diagram and BOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com