Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF68 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF68 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RF68 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Page 8
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
RF68
4. Application Modes of the RF68
Pins CTRL and DATA are used for both configuring the circuit and sending the data to be transmitted over the air. Two
different modes are associated to these pins, “Power&Go” and “Advanced” modes.
4.1. Transmitter Modes
Automatic Mode operation is described in Figure 2. Here we see that a rising edge on the DATA pin activates the
transmitter start-up process. DATA must be held high for the start-up time (TS_TR) of the RF68. During this time the
RF68 undergoes an optimized, self-calibrating trajectory from Sleep mode to Transmit mode. Once this time has elapsed,
the RF68 is ready to transmit. Any logical signal subsequently applied to the DATA pin is then transmitted.
Figure 2. ‘Power & Go’ Mode: Transmitter Timing Operation
The transition back to Sleep mode is managed automatically. The RF68 waits for TOFFT (2 or 20 ms) of inactivity on
DATA before returning to Sleep mode.
In Forced Transmit Mode the circuit can be forced to wake up and go to TX mode by sending an APPLICATION
instruction through the TWI interface, and setting the Mode bit DA(15) to ‘1’. Once in Transmit the circuit will transmit over
the air the data stream presented on the DATA pin. The circuit will stay in transmit mode until a new APPLICATION
instruction is sent with DA(15) to ‘0’.
Figure 3. Forced Transmit Mode Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com