Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF68 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RF68
Description  Low Cost Integrated Transmitter IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF68 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RF68 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Page 6
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
RF68
2.4. Electrical Specifications
The table below gives the electrical specifications of the transmitter under the following conditions: Supply voltage = 3.3 V,
temperature = 25 °C, fXOSC = 26 MHz, fRF = 915 MHz, 2-FSK modulation with Fdev=+/-10 kHz, bit rate = 10 kbit/s and
output power = +10 dBm terminated in a matched 50 Ohm impedance, unless otherwise specified.
Table 4
Transmitter Specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
Current Consumption
IDDSL
Supply current in Sleep mode
-
0.5
1
µA
IDDT_315
Supply current in Transmit mode
at 315 MHz*
RFOP=+10dBm 50% OOK
RFOP=+10dBm FSK
RFOP=0dBm
FSK
-
-
-
11
15
9
-
-
-
mA
mA
mA
IDDT_915
Supply current in Transmit mode
at 915 MHz*
RFOP=+10dBm FSK
RFOP=0dBm
FSK
-
-
17.5
10.5
-
-
mA
mA
RF and Baseband Specifications
Band 0, with FXOSC=22 MHz
310
-
450
MHz
Band 0, with FXOSC=24 MHz
312
-
450
MHz
Band 0, with FXOSC=26 MHz
338
-
450
MHz
FBAND
Accessible Frequency Bands
See details in Table 7.
Band 1, with FXOSC=26 MHz
860
902
-
-
870
928
MHz
MHz
FDA
Frequency deviation, FSK
10
-
200
kHz
BRF
Bit rate, FSK
Permissible Range
0.5
-
100
kbps
BRO
Bit rate, OOK
Permissible Range
0.5
-
10
kbps
OOK_B
OOK Modulation Depth
-
45
-
dB
RFOP
RF output power in 50 Ohms
in either frequency band
High Power Setting
Low Power Setting*
7
-3
10
0
-
-
dBm
dBm
RFOPFL
RF output power flatness
From 315 to 390 MHz, 50 Ohms load
-
2
-
dB
DRFOPV
Variation in RF output power with
supply voltage
2.5 V to 3.3 V
1.8 V to 3.7 V
-
-
-
-
3
7
dB
dB
PHN
Transmitter phase noise
At offset:
100 kHz
350 kHz
550 kHz
1.15 MHz
-
-
-
-
-82
-92
-96
-103
-76
-81
-91
-101
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
STEP_22
RF frequency step
FXOSC = 22 MHz, Band 0
-
1.34277
-
kHz
STEP_24
RF frequency step
FXOSC = 24 MHz, Band 0
-
1.46484
-
kHz
STEP_26
RF frequency step
FXOSC = 26 MHz, Band 0
FXOSC = 26 MHz, Band 1
-
-
1.58691
3.17383
-
-
kHz
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com