Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1278 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1278
Description  3-Pin Reset Monitors for 5V Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1278 Datasheet(HTML) 3 Page - Microchip Technology

  TC1278 Datasheet HTML 1Page - Microchip Technology TC1278 Datasheet HTML 2Page - Microchip Technology TC1278 Datasheet HTML 3Page - Microchip Technology TC1278 Datasheet HTML 4Page - Microchip Technology TC1278 Datasheet HTML 5Page - Microchip Technology TC1278 Datasheet HTML 6Page - Microchip Technology TC1278 Datasheet HTML 7Page - Microchip Technology TC1278 Datasheet HTML 8Page - Microchip Technology TC1278 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21384B-page 3
TC1278/TC1279
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(3-Pin SOT-23B)
Symbol
Description
1
RESET (TC1279)
RESET output remains low while VCC is below the reset voltage threshold, and for
350msec (250msec min.) after VCC rises above reset threshold. The output stage of the
TC1279 is open drain.
1
RESET (TC1278)
RESET output remains high while VCC is below the reset voltage threshold, and for
350msec (250msec min.) after VCC rises above reset threshold. The output stage of the
TC1278 is open drain.
2VCC
Supply voltage (1.2V to 5.5V).
3
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com