Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1278 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1278
Description  3-Pin Reset Monitors for 5V Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1278 Datasheet(HTML) 5 Page - Microchip Technology

  TC1278 Datasheet HTML 1Page - Microchip Technology TC1278 Datasheet HTML 2Page - Microchip Technology TC1278 Datasheet HTML 3Page - Microchip Technology TC1278 Datasheet HTML 4Page - Microchip Technology TC1278 Datasheet HTML 5Page - Microchip Technology TC1278 Datasheet HTML 6Page - Microchip Technology TC1278 Datasheet HTML 7Page - Microchip Technology TC1278 Datasheet HTML 8Page - Microchip Technology TC1278 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21384B-page 5
TC1278/TC1279
3.2
VCC Transient Rejection
The TC1278/TC1279 provides accurate VCC monitor-
ing and reset timing during power-up, power-down,
and brownout/sag conditions, and rejects negative-
going transients (glitches) on the power supply line.
Figure 3-5 shows the maximum transient duration vs.
maximum negative excursion (overdrive) for glitch
rejection. Any combination of duration and overdrive
that lays under the curve will not generate a reset
signal. Combinations above the curve are detected as
a brownout or power-down. Transient immunity can be
improved by adding a capacitor in close proximity to the
VCC pin of the TC1278/TC1279.
FIGURE 3-5:
MAXIMUM TRANSIENT
DURATION VS.
OVERDRIVE FOR GLITCH
REJECTION AT 25°C
RESET COMPARATOR OVERDRIVE,
[V
CCTP - VCC] (mV)
5
3
2
4
1
0
1
5
100
1000
TA
°C
VCCTP
Duration
Overdrive
VCC
TC1278/9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com