Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1278 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1278
Description  3-Pin Reset Monitors for 5V Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1278 Datasheet(HTML) 4 Page - Microchip Technology

  TC1278 Datasheet HTML 1Page - Microchip Technology TC1278 Datasheet HTML 2Page - Microchip Technology TC1278 Datasheet HTML 3Page - Microchip Technology TC1278 Datasheet HTML 4Page - Microchip Technology TC1278 Datasheet HTML 5Page - Microchip Technology TC1278 Datasheet HTML 6Page - Microchip Technology TC1278 Datasheet HTML 7Page - Microchip Technology TC1278 Datasheet HTML 8Page - Microchip Technology TC1278 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC1278/TC1279
DS21384B-page 4
© 2002 Microchip Technology Inc.
3.0
APPLICATIONS INFORMATION
3.1
Operation – Power Monitor
The TC1278/TC1279 provide the function of detecting
out-of-tolerance power supply conditions and warning
a processor-based system of impending power failure.
When VCC is detected as out-of-tolerance, the RESET
signal is asserted. On power-up, RESET is kept active
for approximately 350msec after the power supply has
reached the selected tolerance. This allows the power
supply and microprocessor to stabilize before RESET
is released.
FIGURE 3-1:
Timing Diagram –
Power Up (TC1279)
FIGURE 3-2:
Timing Diagram –
Power Down (TC1279)
FIGURE 3-3:
Timing Diagram –
Power Up (TC1278)
FIGURE 3-4:
Timing Diagram –
Power Down (TC1278)
4.75V
4.00V
tR
VCCTP
VCC
RESET
tRPU1
VOH
VCC
RESET
4.75V
VCCTP
4.00V
VOL
tRPD1
tF
tR
tRPU2
VOL
VCCTP
VCC
RESET
VCCTP(MAX)
VCCTP(MIN)
tF
tRPD2
VCC
4.74V
VOH
RESET
VCCTP
4.00V
RESET SLEWS WITH VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com