Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2055 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC2055
Description  50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2055 Datasheet(HTML) 5 Page - Microchip Technology

  TC2055 Datasheet HTML 1Page - Microchip Technology TC2055 Datasheet HTML 2Page - Microchip Technology TC2055 Datasheet HTML 3Page - Microchip Technology TC2055 Datasheet HTML 4Page - Microchip Technology TC2055 Datasheet HTML 5Page - Microchip Technology TC2055 Datasheet HTML 6Page - Microchip Technology TC2055 Datasheet HTML 7Page - Microchip Technology TC2055 Datasheet HTML 8Page - Microchip Technology TC2055 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21663B-page 5
TC2054/2055/2186
4.0
THERMAL CONSIDERATIONS
4.1
Power Dissipation
The amount of power the regulator dissipates is prima-
rily a function of input and output voltage, and output
current.
The following equation is used to calculate worst case
power dissipation:
EQUATION 4-1:
The maximum allowable power dissipation (Equation
4-2) is a function of the maximum ambient temperature
(TA
MAX), the maximum allowable die temperature (125
°C) and the thermal resistance from junction-to-air
(
θJA). The 5-Pin SOT-23A package has a θJA of
approximately 220°C/Watt when mounted on a typical
two layer FR4 dielectric copper clad PC board.
EQUATION 4-2:
Equation 4-1 can be used in conjunction with Equation
4-2 to ensure regulator thermal operation is within lim-
its. For example:
Maximum allowable power dissipation:
= 318mW
In this example, the TC2054 dissipates a maximum of
only 20.7mW; far below the allowable limit of 318mW.
In a similar manner, Equation 4-1 and Equation 4-2 can
be used to calculate maximum current and/or input
voltage limits.
4.2
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a
ground plane, wide traces at the pads, and wide power
supply bus lines combine to lower
θJA and, therefore,
increase the maximum allowable power dissipation
limit.
PD ≈ (VIN –VOUT
MIN
)ILOAD
MAX
Where:
PD
=
Worst case actual power dissipation
VIN
MAX
=
Maximum voltage on VIN
VOUT
MIN
=
Minimum regulator output voltage
ILOAD
MAX
=
Maximum output (load) current
Where all terms are previously defined
P
D
MA X
T
J
MAX
T
A
MA X
–
θ
JA
-----------------------------------
=
Given:
VINMAX
=3.0V ±5%
VOUTMIN = 2.7V – 2.5%
ILOADMAX = 40mA
TAMAX
= 55°C
Find
:
1. Actual power dissapation
2. Maximum allowable dissapation
Actual power dissipation:
PD
≈ (VIN
MAX
–VOUT
MIN
)ILOADMAX
= [(3.0 x 1.05) – (2.7 x .975)]40 x 10–3
= 20.7mW
P
D
MA X
T
J
MAX
T
A
MA X
–
()
θ
JA
--------------------------------------
=
125
55
–
()
220
---------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com