Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2055 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC2055
Description  50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2055 Datasheet(HTML) 1 Page - Microchip Technology

  TC2055 Datasheet HTML 1Page - Microchip Technology TC2055 Datasheet HTML 2Page - Microchip Technology TC2055 Datasheet HTML 3Page - Microchip Technology TC2055 Datasheet HTML 4Page - Microchip Technology TC2055 Datasheet HTML 5Page - Microchip Technology TC2055 Datasheet HTML 6Page - Microchip Technology TC2055 Datasheet HTML 7Page - Microchip Technology TC2055 Datasheet HTML 8Page - Microchip Technology TC2055 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21663B-page 1
Features
• Very Low Supply Current (55µA Typ.) for Longer
Battery Life
• Very Low Dropout Voltage: 140mV (Typ.) @
150mA
• High Output Voltage Accuracy: ±0.4% (Typ)
• Standard or Custom Output Voltages
• Power-Saving Shutdown Mode
• ERROR Output Can Be Used as a Low Battery
Detector or Processor Reset Generator
• Fast Shutdown Reponse Time: 60
µsec (Typ)
• Over-Current Protection
• Space-Saving 5-Pin SOT-23A Package
• Pin Compatible Upgrades for Bipolar Regulators
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular / GSMS / PHS Phones
• Pagers
Device Selection Table
Package Type
General Description
The TC2054, TC2055 and TC2186 are high accuracy
(typically ±0.4%) CMOS upgrades for older (bipolar)
low dropout regulators. Designed specifically for bat-
tery-operated systems, the devices’ total supply current
is typically 55
µA at full load (20 to 60 times lower than
in bipolar regulators).
The devices’ key features include ultra low noise oper-
ation,
very low dropout voltage - typically 45mV
(TC2054); 90mV (TC2055); and 140mV (TC2186) at
full load - and fast response to step changes in load. An
error output (ERROR) is asserted when the devices are
out-of-regulation (due to a low input voltage or exces-
sive output current). Supply current is reduced to 0.5
µA
(max) and both VOUT and ERROR are disabled when
the shutdown input is low. The devices also incorporate
over-current protection.
The TC2054, TC2055 and TC2186 are stable with a
low esr ceramic output capacitor of 1
µF and have a
maximum output current of 50mA, 100mA and 150mA,
respectively. This LDO Family also features a fast
response time (60
µsec typically) when released from
shutdown.
Typical Application
Part Number
Package
Junction Temp.
Range
TC2054-xxVCT
5-Pin SOT-23A*
-40°C to +125°C
TC2055-xxVCT
5-Pin SOT-23A*
-40°C to +125°C
TC2186-xxVCT
5-Pin SOT-23A*
-40°C to +125°C
Note:
*5-Pin SOT-23A is equivalent to EIAJ (SC-74A).
TC2054
TC2055
TC2186
5-Pin SOT-23A*
TOP VIEW
2
SHDN
ERROR
GND
VOUT
VIN
4
5
3
1
1µF
Shutdown Control
(from Power Control Logic)
TC2054
TC2055
TC2186
VIN
1
2
34
5
VIN
VOUT
ERROR
SHDN
GND
1M
VOUT
ERROR
1µF
TC2054/2055/2186
50mA, 100mA, and 150mA CMOS LDOs
with Shutdown and Error Output


Similar Part No. - TC2055

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2055 MICROCHIP-TC2055 Datasheet
943Kb / 18P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC2055 MICROCHIP-TC2055 Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2055-1.8VCTTR MICROCHIP-TC2055-1.8VCTTR Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2055-2.5VCTTR MICROCHIP-TC2055-2.5VCTTR Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2055-2.6VCTTR MICROCHIP-TC2055-2.6VCTTR Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
More results

Similar Description - TC2055

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
2002
TC1223 MICROCHIP-TC1223_13 Datasheet
240Kb / 16P
50mA and 100mA CMOS LDOs with Shutdown
2002-2012 10/26/12
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
50mA and 100mA CMOS LDOs with Shutdown
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com