Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2055 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC2055
Description  50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2055 Datasheet(HTML) 2 Page - Microchip Technology

  TC2055 Datasheet HTML 1Page - Microchip Technology TC2055 Datasheet HTML 2Page - Microchip Technology TC2055 Datasheet HTML 3Page - Microchip Technology TC2055 Datasheet HTML 4Page - Microchip Technology TC2055 Datasheet HTML 5Page - Microchip Technology TC2055 Datasheet HTML 6Page - Microchip Technology TC2055 Datasheet HTML 7Page - Microchip Technology TC2055 Datasheet HTML 8Page - Microchip Technology TC2055 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC2054/2055/2186
DS21663B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Input Voltage .........................................................6.5V
Output Voltage................................(-0.3) to (VIN +0.3)
Operating Temperature .................. -40°C < TJ<125°C
Storage Temperature.......................... -65°C to +150°C
Maximum Voltage on Any Pin ........ VIN +0.3V to -0.3V
*Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods my
affect device reliability.
TC2054/2055/2186 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VIN =VR +1V, IL =100µA, CL =3.3µF, SHDN >VIH,TA = 25°C, unless otherwise noted. BOLDFACE
type specifications apply for junction temperature of -40°C to +125°C.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Input Operating Voltage
2.7
—
6.0
V
Note 1
IOUTMAX
Maximum Output Current
50
100
150
—
—
—
—
—
—
mA
TC2054
TC2055
TC2186
VOUT
Output Voltage
VR -2.0%
VR ±0.4% VR +2.0%
V
Note 2
TCVOUT
VOUT Temperature
Coefficient
—
—
20
40
—
—
ppm/°C Note 3
∆VOUT/
∆VIN
Line Regulation
—
0.05
0.5
%(VR +1V) < VIN < 6V
∆VOUT/
VOUT
Load Regulation
-1.5
-2.5
0.5
0.5
0.5
0.5
%
TC2054;TC2055 IL =0.1mA to IOUTMAX
TC2186
IL =0.1mA to IOUTMAX
Note 4
VIN –VOUT
Dropout Voltage, Note 5
—
—
—
—
2
45
90
140
—
70
140
210
mV
IL =100µA
IL =50mA
TC2015; TC2185
IL =100mA
TC2185
IL =150mA
Note 5
IIN
Supply Current
—
55
80
µASHDN =VIH,IL=0
IINSD
Shutdown Supply Current
—
0.05
0.5
µASHDN =0V
PSRR
Power Supply Rejection Ratio
—
50
—
dB
FRE ≤ 120kHz
IOUT
SC
Output Short Circuit Current
160
300
—
mA
VOUT =0V
∆VOUT∆PD Thermal Regulation
—
0.04
—
V/W
Note 6
eN
Output Noise
—
600
—
nV /
√Hz
IL =IOUT
MAX
,F = 10kHz
tR
Response Time
(from Shutdown Mode)
—60
—
µsec
VIN =4V
CIN =1µF, COUT =10µF
IL =0.1mA, Note 9
Note
1:
The minimum VIN has to meet two conditions: VIN = 2.7V and VIN =VR +VDROPOUT.
2:
VR is the regulator output voltage setting. For example: VR = 1.8V, 2.7V, 2.8V, 2.85V, 3.0V, 3.3V.
3:
TCVOUT =
4:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a
load range from 1.0mA to the maximum specified output current. Changes in output voltage due to heating effects are covered
by the thermal regulation specification.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value at a 1V
differential.
6:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, exclud-
ing load or line regulation effects. Specifications are for a current pulse equal to IMAX at VIN = 6V for T = 10msec.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature
and the thermal resistance from junction-to-air (i.e. TA,TJ, θJA).
8:
Hysteresis voltage is referenced by VR.
9:
Time required for VOUT to reach 95% of VR (output voltage setting), after VSHDN is switched from 0 to VIN.
V
OU TMAX
V
OUTM IN
–
() 10
6
×
V
OUT
∆T
×
-----------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com