Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC32M Datasheet(PDF) 4 Page - Microchip Technology

Part # TC32M
Description  ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC32M Datasheet(HTML) 4 Page - Microchip Technology

  TC32M Datasheet HTML 1Page - Microchip Technology TC32M Datasheet HTML 2Page - Microchip Technology TC32M Datasheet HTML 3Page - Microchip Technology TC32M Datasheet HTML 4Page - Microchip Technology TC32M Datasheet HTML 5Page - Microchip Technology TC32M Datasheet HTML 6Page - Microchip Technology TC32M Datasheet HTML 7Page - Microchip Technology TC32M Datasheet HTML 8Page - Microchip Technology TC32M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC32M
DS21402B-page 4
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(SOT-223, TO-92)
Symbol
Description
1
GND
Ground.
2VDD
The +5V power supply input.
3RS
RESET/STROBE (Bidirectional). The open drain goes active if:
1.
VDD falls below 4.5V nominal.
2.
If pulled low by an external electronic signal or switch closure.
3.
If the watchdog is not strobed within the minimum watchdog timeout period.
4.
During power-up and power-down.
In the input mode, RS connects to a voltage level shift network (typically a resistor divider to
VDD.) The watchdog timer is reset when processor causes a voltage level ≤ VSTL to be
applied to RS.
4VDD
The +5V power supply input (SOT-223 only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com